Electronic Components Datasheet Search
  English  ▼

X  

LT8551 Datasheet(PDF) 19 Page - Analog Devices

Part # LT8551
Description  Multiphase Boost Converter Expander
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8551 Datasheet(HTML) 19 Page - Analog Devices

Back Button LT8551 Datasheet HTML 15Page - Analog Devices LT8551 Datasheet HTML 16Page - Analog Devices LT8551 Datasheet HTML 17Page - Analog Devices LT8551 Datasheet HTML 18Page - Analog Devices LT8551 Datasheet HTML 19Page - Analog Devices LT8551 Datasheet HTML 20Page - Analog Devices LT8551 Datasheet HTML 21Page - Analog Devices LT8551 Datasheet HTML 22Page - Analog Devices LT8551 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
LT8551
19
Rev 0
For more information www.analog.com
APPLICATIONS INFORMATION
REG LDO and VCC Power
The REG LDO supplies the power for the gate drivers and
output stages of CLK1, CLK2, TGBUF and BGBUF. Once the
SHDN pin is higher than 1.15V, REG will be regulated to
4V (typical), (REGSNS – IAMPN) voltage, or 5.25V (typi-
cal) from VIN, depending on whether (REGSNS – IAMPN)
is lower than 4V, or higher than 4V but lower than 5.25V,
or higher than 5.25V respectively, as shown in Figure 11.
The REG pin must be bypassed to power ground with an
X5R or X7R ceramic capacitor of at least 4.7μF placed
close to the REG pin.
Figure 11.
(REGSNS – IAMPN) VOLTAGE (V)
0
5
4
5.25
0
5
4
8551 F11
REG Voltage vs REGSNS Voltage
VCC is the power supply for most of the internal circuitry
and it’s connected to REG through an external filter (RF,
CF) to filter the switching noise in REG, as shown in
Figure 12, the filter should be placed close to the VCC pin,
typical value of RF = 1Ω, CF = 1μF is recommended. The
internal UVLO comparator disables the LT8551’s switch-
ing activity when VCC is lower than 3.55V (typical).
Primary INTVCC Sensing
The primary controller gate driver’s power supply is
INTVCC, as shown in Figure 12. The primary INTVCC volt-
age is filtered and then sensed by the differential unity
gain amplifier A5 in Figure 12, and buffered to REGS_INT
as the reference voltage of the REG LDO. Notice that the
(–) of A5 is connected to IAMPN. As has been discussed
in the Primary Controller’s Inductor Current Sensing
section, both the master LT8551’s IAMPN and the slave
LT8551’s IAMPN are connected to the master LT8551’s
local ground. Since the master’s local ground and the
primary controller’s local ground may have small voltage
difference, this can introduce a small error. To minimize
this error, the master LT8551 should be placed close to
the primary controller.
Figure 12.
10nF
8551 F12
PRIMARY
CONTROLLER
LT8551
IAMPN
REGSNS
INTVCC
VIN
REGIS
REGDRV
REG
VCC
10
CLP
+
–
2.2µF
CF
10µF
REGS_INT
CURRENT
LIMIT
*VBIAS
A5
1x
A6
1
RF
MP
*LOWER VOLTAGE (VBIAS) CAN BE USED FOR VIN PIN TO REDUCE THERMAL
STRESS INSTEAD OF USING THE SUPPLY FOR THE POWER STAGE
REG LDO Configuration
REG LDO Current Limit and External Power PMOS
Selection
Overcurrent protection circuitry limits the maximum cur-
rent drawn from the REG LDO. When the VCC voltage is
below 3.3V during start-up or an overload condition, the
typical current limit is about 110mA. When the REG volt-
age is higher than 3.55V, the current limit depends on the
VIN voltage as shown in Figure 13. If the VIN voltage is
lower than 13.6V or higher than 30V, the current limit is
about 220mA or 100mA respectively. If the VIN voltage is
between 13.6V and 30V, the current limit is inversely pro-
portional to the VIN voltage to limit the maximum power
dissipation in the external power PMOS. The power dis-
sipation in the external PMOS can be calculated by:
P = (VBIAS – REG) • ILDO
Where VBIAS (VIN pin voltage) is the chip power supply
for the LT8551, ILDO is the current drawn from the REG
LDO for a specific application. Use the following formula
to calculate the junction temperature of the PMOS and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com