Electronic Components Datasheet Search
  English  ▼

X  

LT8551 Datasheet(PDF) 11 Page - Analog Devices

Part # LT8551
Description  Multiphase Boost Converter Expander
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8551 Datasheet(HTML) 11 Page - Analog Devices

Back Button LT8551 Datasheet HTML 7Page - Analog Devices LT8551 Datasheet HTML 8Page - Analog Devices LT8551 Datasheet HTML 9Page - Analog Devices LT8551 Datasheet HTML 10Page - Analog Devices LT8551 Datasheet HTML 11Page - Analog Devices LT8551 Datasheet HTML 12Page - Analog Devices LT8551 Datasheet HTML 13Page - Analog Devices LT8551 Datasheet HTML 14Page - Analog Devices LT8551 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
LT8551
11
Rev 0
For more information www.analog.com
PIN FUNCTIONS
RT/MS (Pin 26): Timing Resistor Pin and Master Slave
Selection Pin. This pin, combined with PHS1, PHS2 and
PHS3, sets the switching frequency and the phase of
each channel. Connecting a resistor to ground sets the
chip as master LT8551. Connecting this pin to the REG
pin sets the chip as slave LT8551. See the Applications
Information section for more information.
ILIM (Pin 27): Maximum Current Sense Voltage
Programming Pin. This pin is used to set the maximum
sense voltage in the primary channel current sense ampli-
fier and expanded channel current sense amplifier. It is a
three level input pin. Connecting this pin to ground, REG
or leaving it floating sets the maximum current sense
voltage to 30mV, 60mV or 90mV, respectively. When the
ILIM is floating, add a 1nF cap from the ILIM to ground.
ENOUT (Pin 28): For a master LT8551, this pin is an open-
drain logic output pin. For a slave LT8551, it is an input
pin. See more details in ENOUT Connection Section.
VCC (Pin 29): Power Supply for Control Circuits. Decouple
this pin to ground with a minimum 1µF low ESR ceramic
capacitor. VCC and REG need to be connected through a
1Ω resistor.
MODE (Pin 30):Stage Shedding Selection Pin. Connecting
this pin to GND disables stage shedding feature. See the
Operation section for more information.
SHDN (Pin 31): Shutdown Pin. This pin is used to enable/
disable the chip. Drive below 0.3V to disable the chip.
Drive above 1.2V (typical) to activate the chip. Do not
float this pin.
IAMPN (Pin 32): For a master LT8551, connect this pin
to local ground. For a slave LT8551, connect this pin
to the master LT8551’s IAMPN. See the Applications
Information section for more information.
IAMPP (Pin 33): For a master LT8551, this is an out-
put pin. It is the buffered signal of the Primary Channel
Current Sense Amplifier output. For a slave LT8551, this
is an input pin. When multiple LT8551 devices are used,
connect all IAMPP pins together. See the Applications
Information section for more information.
ISP (Pin 35): Primary Channel Current Sense Amplifier
Input. The (+) input to the current sense amplifier is nor-
mally connected to DCR sensing network or current sens-
ing resistor. This pin is only used for a master LT8551.
Ground this pin for a slave LT8551.
ISN (Pin 34): Primary Channel Current Sense Amplifier
Input. The (–) input to the current sense amplifier is
normally connected to DCR sensing networks or cur-
rent sensing resistors. This pin is only used for a master
LT8551. Ground this pin for a slave LT8551.
REGSNS (Pin 40): REG LDO Voltage Sense Pin. Connect
this pin to the primary channel gate driver power supply
pin.
PHS3 (Pin 41): Phase Select Pin. This pin, combined with
PHS1, PHS2 and RT/MS, set the switching frequency and
the phase of each channel. PHS3 connects to REG or
ground. See the Operation section for more information.
NC (Pin 42): No Connection. Leave this pin floating or
connect to any adjacent pin.
ISN1, ISN2, ISN3, ISN4 (Pins 44, 36, 45, 38): Expanded
Channel Current Sense Amplifier (–) Input. The (–) input
to the current sense amplifier is normally connected to
DCR sensing network or current sensing resistor.
ISP1, ISP2, ISP3, ISP4 (Pins 43, 37, 46, 39): Expanded
Channel Current Sense Amplifier (+) Input. The (+) input
to the current sense amplifier is normally connected to
DCR sensing network or current sensing resistor.
REGIS (Pin 47): REG LDO Current Sense Pin. Connect
this pin to the external PMOS source side.
REGDRV (Pin 48): Gate Driver Output for REG LDO.
Connect this pin to the external PMOS gate.
VIN (Pin 49): Input Supply Pin. Must be locally bypassed
to ground.
GND (Exposed Pad Pin 53/Pin 27): Ground. Tie directly
to local ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com