Electronic Components Datasheet Search
  English  ▼

X  

LT8551 Datasheet(PDF) 23 Page - Analog Devices

Part # LT8551
Description  Multiphase Boost Converter Expander
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8551 Datasheet(HTML) 23 Page - Analog Devices

Back Button LT8551 Datasheet HTML 19Page - Analog Devices LT8551 Datasheet HTML 20Page - Analog Devices LT8551 Datasheet HTML 21Page - Analog Devices LT8551 Datasheet HTML 22Page - Analog Devices LT8551 Datasheet HTML 23Page - Analog Devices LT8551 Datasheet HTML 24Page - Analog Devices LT8551 Datasheet HTML 25Page - Analog Devices LT8551 Datasheet HTML 26Page - Analog Devices LT8551 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
LT8551
23
Rev 0
For more information www.analog.com
APPLICATIONS INFORMATION
The term (1+ δ) is generally given for a MOSFET in the
form of a normalized RDS(ON) vs Temperature curve, but
δ = 0.005/°C can be used as an approximation for low
voltage MOSFETs.
Based on the power dissipation, the MOSFET junction
temperature can be obtained using the formula (1) in
the REG LDO Current Limit and External Power PMOS
Selection section to pick an adequate MOSFET that will
not overheat.
An optional Schottky diode in parallel with the top switch
conducts during the dead time between the conduction
of the main switch and the synchronous switch. This pre-
vents the body diode of the synchronous switch from turn-
ing on, storing charge and requiring a reverse recovery
period that could reduce the overall efficiency. Although
improving the efficiency, the Schottky diode also exhib-
its much higher reverse leakage current than the silicon
diode particularly at high temperature, the combination of
high reverse voltage and current can lead to self-heating
of the diode. Choose a package with lower thermal resis-
tance (θJA) to minimize self-heating of the diode.
CIN and COUT Selection
The input ripple current in a boost converter is relatively
low (compared with the output ripple current), because
this current is continuous. The input capacitor CIN volt-
age rating should comfortably exceed the maximum input
voltage. Although ceramic capacitors can be relatively
tolerant of overvoltage conditions, aluminum electrolytic
capacitors are not. Be sure to characterize the input volt-
age for any possible overvoltage transients that could
apply excess stress to the input capacitors.
The value of CIN is a function of the source impedance, and
in general, the higher the source impedance, the higher
the required input capacitance. The required amount of
input capacitance is also greatly affected by the duty cycle.
High output current applications that also experience high
duty cycles can place great demands on the input supply,
both in terms of DC current and ripple current.
In a boost converter, the output has a discontinuous cur-
rent, so COUT must be capable of reducing the output
voltage ripple. The effects of ESR (equivalent series resis-
tance) and the bulk capacitance must be considered when
choosing the right capacitor for a given output ripple
voltage. The steady ripple voltage due to charging and
discharging the bulk capacitance in a single phase boost
converter is given by:
VRIPPLE =
IOUT MAX
(
) • VOUT – VIN MIN
(
)
(
)
COUT • VOUT • f
V
where COUT is the output filter capacitor.
The steady ripple due to the voltage drop across the ESR
is given by:
∆VESR = IL(MAX) • ESR
Multiple capacitors placed in parallel may be needed to
meet the ESR and RMS current handling requirements.
Dry tantalum, special polymer, aluminum electrolytic and
ceramic capacitors are all available in surface mount
packages. Ceramic capacitors have excellent low ESR
characteristics but can have a high voltage coefficient.
Capacitors are now available with low ESR and high ripple
current ratings (e.g., OS-CON and POSCAP).
Topside MOSFET Driver Supply (CBX, DBX)
An external bootstrap capacitor, CBX, supplies the gate
driver voltage for the top switch. This capacitor is con-
nected between BSTx and SWx and is charged through
Schottky diode DBX from REG when the SWx pin is low.
When the top switch turns on, the SWx rises to VOUT
and the BSTx rises to VOUT + REG. The boost capacitor
needs to store about 100 times the gate charge required
by the top switch. In most applications, a 0.1μF to 0.47μF,
X5R or X7R dielectric capacitor is adequate. The bypass
capacitance from REG to GND should be at least ten times
the bootstrap capacitor value. In addition, the reverse
breakdown of the Schottky diode must greater than the
maximum power VOUT voltage.
Inductor Current Sensing
The LT8551 can be configured to sense the inductor
current through either low value series current sensing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com