Electronic Components Datasheet Search
  English  ▼

X  

MAX15014 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX15014
Description  1A, 4.5V to 40V Input Buck Converters with 50mA Auxiliary LDO Regulators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15014 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX15014 Datasheet HTML 2Page - Maxim Integrated Products MAX15014 Datasheet HTML 3Page - Maxim Integrated Products MAX15014 Datasheet HTML 4Page - Maxim Integrated Products MAX15014 Datasheet HTML 5Page - Maxim Integrated Products MAX15014 Datasheet HTML 6Page - Maxim Integrated Products MAX15014 Datasheet HTML 7Page - Maxim Integrated Products MAX15014 Datasheet HTML 8Page - Maxim Integrated Products MAX15014 Datasheet HTML 9Page - Maxim Integrated Products MAX15014 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
(VIN_SW = VIN_LDO = VDRAIN = 14V, VEN_SYS = VEN_SW = 2.4V, VREG = VDVREG, VSYNC = VSET_LDO = VSGND = VPGND = 0V,
CREG = 1μF, CIN_SW = 0.1μF, CIN_LDO = 0.1μF, CLDO_OUT = 10μF, CDRAIN = 0.22μF, TA = TJ = -40°C to +125°C, unless otherwise
noted. Typical values are at TA = +25°C.) (Note 1)
Note 1: Limits at -40°C are guaranteed by design and not production tested.
Note 2: Maximum output current is limited by package power dissipation.
Note 3: This is the minimum voltage needed at SET_LDO for the system to recognize that the user wants an adjustable LDO_OUT.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RESET OUTPUT
RESET Threshold
VRESET
RESET goes high after rising VLDO_OUT
crosses this threshold
90
92.5
95
%VOUT
RESET Output Low Voltage
VRL
(VLDO_OUT – VRESET) / IRESET = 4kΩ
0.4
V
RESET Output High Leakage
Current
IRH
VRESET = 3.3V (For MAX15_ _ _B),
VRESET = 5V (For MAX15_ _ _A)
1
µA
RESET Output Minimum
Timeout Period
When LDO_OUT reaches RESET threshold,
CT = unconnected
50
µs
ENABLE to RESET Minimum
Timeout Period
When EN_SYS goes high, CLDO_OUT =
10µF, ILDO_OUT = 50mA,
VLDO_OUT = 3.3V, CT = unconnected
650
µs
Delay Comparator Threshold
(Rising)
VCT-TH
1.220
1.241
1.265
V
Delay Comparator Threshold
Hysteresis
VCTTH-HYST
100
mV
CT Charge Current
ICT-CHQ
VCT = 0V
1.5
2
3
µA
CT Discharge Current
ICT-DIS
18
mA
THERMAL SHUTDOWN
Thermal Shutdown
Temperature
Temperature rising
+160
°C
Thermal Shutdown Hysteresis
20
°C
MAX15014–MAX15017
1A, 4.5V to 40V Input Buck Converters with
50mA Auxiliary LDO Regulators
www.maximintegrated.com
Maxim Integrated │ 6
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com