Electronic Components Datasheet Search
  English  ▼

X  

MAX15014 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX15014
Description  1A, 4.5V to 40V Input Buck Converters with 50mA Auxiliary LDO Regulators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15014 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX15014 Datasheet HTML 8Page - Maxim Integrated Products MAX15014 Datasheet HTML 9Page - Maxim Integrated Products MAX15014 Datasheet HTML 10Page - Maxim Integrated Products MAX15014 Datasheet HTML 11Page - Maxim Integrated Products MAX15014 Datasheet HTML 12Page - Maxim Integrated Products MAX15014 Datasheet HTML 13Page - Maxim Integrated Products MAX15014 Datasheet HTML 14Page - Maxim Integrated Products MAX15014 Datasheet HTML 15Page - Maxim Integrated Products MAX15014 Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
PIN
NAME
FUNCTION
MAX15014/
MAX15017
MAX15015/
MAX15016
1–3, 9, 12, 14,
16, 19, 24, 26,
27, 30, 35
1–3, 9, 12, 14,
16, 19, 24, 26,
27, 30, 35
N.C.
No Connection. Not internally connected. Leave unconnected or connect to SGND.
23, 28
—
I.C.
Internally Connected. Leave unconnected.
4
4
RESET
Active-Low Reset Output. When the rising VLDO_OUT voltage crosses the reset
threshold, RESET goes high after an adjustable delay. Pull up RESET to LDO_OUT
with at least 4kΩ. RESET is an active-low open-drain output.
5
5
SGND
Signal Ground Connection. Connect SGND and PGND together at one point near
the input bypass capacitor negative terminal.
6
6
CT
Reset Timeout Delay Capacitor Connection. CT is pulled low during reset. When out
of reset, CT is pulled up to an internal 3.6V rail with a 2µA current source. When the
rising CT voltage reaches the trip threshold (typically 1.24V), RESET is deasserted.
When EN_SYS is low or in thermal shutdown, CT is low.
7
7
EN_SW
Switching Regulator Enable Input (Active High). If EN_SW is high and EN_SYS is
high, the switching power supply is enabled. EN_SW is internally pulled down to
SGND through a 0.5µA current sink.
8
8
EN_SYS
Active-High System Enable Input. Connect EN_SYS high to turn on the system. The
LDO is active if EN_SYS is high; once EN_SYS is high, the switching regulator can
be turned on if EN_SW is high. EN_SYS is internally pulled down to SGND through
a 0.5µA current sink.
10
10
SET_LDO
LDO Feedback Input/Output Voltage Setting. Connect SET_LDO to SGND to select
the preset output voltage (5V or 3.3V). Connect SET_LDO to an external resistor-
divider network for adjustable output operation.
11
11
LDO_
OUT
Linear Regulator Output. Bypass with at least 10µF low-ESR capacitor from LDO_
OUT to SGND. In the 5V LDO versions (A), the LDO operates in dropout below 6V
down to the UVLO trip point.
13
13
IN_LDO
LDO Input Voltage. The input voltage range for the LDO extends from 5V to 40V.
Bypass with a 0.1µF ceramic capacitor to SGND.
15
15
BST
High-Side Gate Driver Supply. Connect BST to the cathode of the bootstrap diode
and to the positive terminal of the bootstrap capacitor.
17, 18
17, 18
LX
Source Connection of Internal High-Side Switch. Connect both LX pins to the
inductor and the cathode of the freewheeling diode.
20, 21
20, 21
DRAIN
Drain Connection of the Internal High-Side Switch. Connect both DRAIN inputs
together.
22
22
PGND
Power Ground Connection. Connect the input bypass capacitor negative terminal,
the anode of the freewheeling diode, and the output filter capacitor negative terminal
to PGND. Connect PGND to SGND together at a single point near the input bypass
capacitor negative terminal.
MAX15014–MAX15017
1A, 4.5V to 40V Input Buck Converters with
50mA Auxiliary LDO Regulators
www.maximintegrated.com
Maxim Integrated │ 12
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com