Electronic Components Datasheet Search
  English  ▼

X  

MAX15014 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX15014
Description  1A, 4.5V to 40V Input Buck Converters with 50mA Auxiliary LDO Regulators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15014 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX15014 Datasheet HTML 10Page - Maxim Integrated Products MAX15014 Datasheet HTML 11Page - Maxim Integrated Products MAX15014 Datasheet HTML 12Page - Maxim Integrated Products MAX15014 Datasheet HTML 13Page - Maxim Integrated Products MAX15014 Datasheet HTML 14Page - Maxim Integrated Products MAX15014 Datasheet HTML 15Page - Maxim Integrated Products MAX15014 Datasheet HTML 16Page - Maxim Integrated Products MAX15014 Datasheet HTML 17Page - Maxim Integrated Products MAX15014 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Detailed Description
The MAX15014–MAX15017 combine a voltage-mode
buck converter with an internal 0.5Ω power-MOSFET
switch and a low-quiescent-current LDO regulator. The
buck converter of the MAX15015/MAX15016 has a wide
input voltage range of 4.5V to 40V. The MAX15014/
MAX15017’s input voltage range is 7.5V to 40V. Fixed
switching frequencies of 135kHz and 500kHz are avail-
able. The internal low RDS_ON switch allows for up to 1A
of output current, and the output voltage can be adjusted
from 1.26V to 32V. External compensation and volt-
age feed-forward simplify loop-compensation design and
allow for a wide variety of L and C filter components. All
devices offer an automatic switchover to pulse-skipping
(PFM) mode, providing low-quiescent current and high
efficiency at light loads. Under no load, PFM mode opera-
tion reduces the current consumption to 5.6mA for the
MAX15014/MAX15017 and 8.6mA for the MAX15015/
MAX15016. In shutdown (DC-DC and LDO regulator off),
the supply current falls to 6μA. Additional features include
a programmable soft-start, cycle-by-cycle current limit,
hiccup-mode output short-circuit protection, and thermal
shutdown.
The LDO linear regulator operates from 5V to 40V and
delivers a guaranteed 50mA load current. The devices
feature a preset output voltage of 5.0V (MAX1501_A) or
3.3V (MAX1501_B). Alternatively, the output voltage can
be adjusted from 1.5V to 11V using an external resistive
divider. The LDO section also features a RESET output
with adjustable timeout period.
Enable Inputs and UVLO
The MAX15014–MAX15017 feature two logic inputs,
EN_SW (active-high) and EN_SYS (active-high) that
can be used to enable the switching power supply and
the LDO_OUT outputs. When VEN_SW is higher than
the threshold and EN_SYS is high, the switching power
supply is enabled. When EN_SYS is high, the LDO is
Figure 1. MAX15015/MAX15016 Simplified Block Diagram
MAX15015
MAX15016
PASS ELEMENT
DELAY COMPARATOR
VREF
REF_ILIM
VREF
TSD
VREF
ISS
PREREG
SHDN
LEVEL
SHIFT
REG_LDO
HIGH-SIDE
CURRENT
SENSE
DVREG
LOGIC
OVERLOAD
MANAGEMENT
THERMAL
SHDN
MUX
VINT
RAMP
IN S/W
+
-
+
-
+
-
REF_PFM
CLK
OVERL
+
-
LDO_OUT
SET_LOD
CT
DRAIN
BST
LX
RESET
185mV
PGND
VINT
PCLK
VREF
VINTOK
VREG_EN
UVLO_LDO
UVLO_SW
ENABLE LDO
0.925 x VREF
VREG_ OK
PFM
EN
PFM
VREG_OK
VINT
VINT
VINT
VINT
-
+
VINT
IN_LDO
VINT
-
+
UVLO_LDO
TSD
SHDN
UVLO_SW
TSD
SHDN
VREF
2A
OUT_LDO
-
+
EN_SYS
IN_SW
IN_LDO
PCLK
SCLK
DVREG
SSA
+
-
E/A
+
-
-
+
+
0.3V
CLK
-
CPWM
EN
OSC
VREFOK
4.1V
VINTOK
VREFOK
7.0V OR 4.1V
VINTOK
REF
VINT
VREFOK
DVREG
C+
C-
REG
EN_SW
SS
FB
COMP
SYNC
SGND
MAX15014–MAX15017
1A, 4.5V to 40V Input Buck Converters with
50mA Auxiliary LDO Regulators
www.maximintegrated.com
Maxim Integrated │ 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com