Electronic Components Datasheet Search
  English  ▼

X  

MAX15014 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX15014
Description  1A, 4.5V to 40V Input Buck Converters with 50mA Auxiliary LDO Regulators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15014 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX15014 Datasheet HTML 3Page - Maxim Integrated Products MAX15014 Datasheet HTML 4Page - Maxim Integrated Products MAX15014 Datasheet HTML 5Page - Maxim Integrated Products MAX15014 Datasheet HTML 6Page - Maxim Integrated Products MAX15014 Datasheet HTML 7Page - Maxim Integrated Products MAX15014 Datasheet HTML 8Page - Maxim Integrated Products MAX15014 Datasheet HTML 9Page - Maxim Integrated Products MAX15014 Datasheet HTML 10Page - Maxim Integrated Products MAX15014 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
(VIN_SW = VIN_LDO = VDRAIN =14V, VEN_SYS = VEN_SW = 2.4V, VREG = VDVREG, VSYNC = VSET_LDO = VSGND = VPGND = 0V, CREG =
1μF, CIN_SW = 0.1μF, CIN_LDO = 0.1μF, CLDO_OUT = 10μF, CDRAIN = 0.22μF, see Figures 6 and 7, TA = +25°C, unless otherwise noted.)
SWITCHING FREQUENCY
vs. TEMPERATURE
TEMPERATURE (°C)
-60 -40 -20 0 20 40 60 80 100 120 140 160
130
131
132
133
134
135
136
137
138
139
140
MAX15016A
SWITCHING FREQUENCY
vs. TEMPERATURE
TEMPERATURE (°C)
-60 -40 -20 0 20 40 60 80 100 120 140 160
450
460
470
480
490
500
510
520
530
MAX15015A
MAXIMUM DUTY CYCLE
vs. INPUT VOLTAGE (MAX15016A)
INPUT VOLTAGE (V)
0
5
10 15 20 25 30 35 40
90
91
92
93
94
95
96
97
98
99
100
80
84
82
88
86
92
90
94
98
96
100
0
10 15
5
20 25 30 35 40
MAXIMUM DUTY CYCLE
vs. INPUT VOLTAGE (MAX15015A)
INPUT VOLTAGE (V)
ERROR AMPLIFIER OPEN-LOOP GAIN
AND PHASE vs. FREQUENCY
FREQUENCY (Hz)
MAX15014 toc06
60
100
140
180
220
260
300
340
-10
0
10
20
30
40
50
60
70
80
90
100
110
0.1
1
10 100 1k 10k 100k 1M 10M
GAIN
PHASE
OUTPUT CURRENT LIMIT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
0
10
20
30
40
50
0
0.5
1.0
1.5
2.0
2.5
TA = 0°C
TA = +25°C
TA = +85°C
TA = +135°C
SYSTEM SHUTDOWN CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
-50
0
50
100
150
0
1
2
3
4
5
6
7
8
9
10
MAX15016
2ms/div
TURN-ON/-OFF WAVEFORM
EN_SW
2V/div
0V
0V
VOUT
2V/div
MAX15014 toc08
ILOAD = 1A
2ms/div
TURN-ON/-OFF WAVEFORM
EN_SW
2V/div
VOUT
2V/div
MAX15014 toc09
ILOAD = 100mA
0V
0V
MAX15014–MAX15017
1A, 4.5V to 40V Input Buck Converters with
50mA Auxiliary LDO Regulators
Maxim Integrated │ 7
www.maximintegrated.com
Typical Operating Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com