Electronic Components Datasheet Search
  English  ▼

X  

MAX15014 Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX15014
Description  1A, 4.5V to 40V Input Buck Converters with 50mA Auxiliary LDO Regulators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15014 Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX15014 Datasheet HTML 12Page - Maxim Integrated Products MAX15014 Datasheet HTML 13Page - Maxim Integrated Products MAX15014 Datasheet HTML 14Page - Maxim Integrated Products MAX15014 Datasheet HTML 15Page - Maxim Integrated Products MAX15014 Datasheet HTML 16Page - Maxim Integrated Products MAX15014 Datasheet HTML 17Page - Maxim Integrated Products MAX15014 Datasheet HTML 18Page - Maxim Integrated Products MAX15014 Datasheet HTML 19Page - Maxim Integrated Products MAX15014 Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
capacitor physically close to the MAX15014–MAX15017
to provide good bypassing. During normal operation, REG
is intended for powering up only the internal circuitry and
should not be used to supply power to external loads.
Soft-Start and Reference (SS)
SS is the 1.235V reference bypass connection for the
MAX15014–MAX15017 and also controls the soft-start
period. At startup, after input voltage is applied at IN_SW,
IN_LDO and the UVLO thresholds are reached, the
device enters soft-start. During soft-start, 14μA is sourced
into the capacitor (CSS) connected from SS to SGND
causing the reference voltage to ramp up slowly. When
VSS reaches 1.244V, the output becomes fully active. Set
the soft-start time (tSS) using following equation:
SS
SS
SS
SS
VC
t
I
×
=
where VSS = soft-start reference voltage = 1.235V
(typ), ISS = soft-start current = 14 x 10-6A (typ), tSS is in
seconds and CSS is in Farads.
Internal Charge Pump (MAX15015/MAX15016)
The MAX15015/MAX15016 feature an internal charge
pump to enhance the turn-on of the internal MOSFET,
allowing for operation with input voltages down to 4.5V.
Connect a flying capacitor (CF) between C+ and C-,
a boost diode from C+ to BST, as well as a bootstrap
capacitor (CBST) between BST and LX to provide the
gate-drive voltage for the high-side n-channel DMOS
switch. During the on-time, the flying capacitor is charged
to VDVREG. During the off-time, the positive terminal of
the flying capacitor (C+) is pumped to two times VDVREG,
and charge is dumped onto CBST to provide twice the
regulator voltage across the high-side DMOS driver. Use
a ceramic capacitor of at least 0.1μF for CBST and CF,
located as close as possible to the device.
Gate-Drive Supply (DVREG)
DVREG is the supply input for the internal high-side
MOSFET driver. The power for DVREG is derived from
the output of the internal regulator (REG). Connect
DVREG to REG externally. To filter the switching noise,
the use of an RC filter (1Ω and 0.47μF) from REG to
DVREG is recommended. In the MAX15015/MAX15016,
the high-side drive supply is generated using the inter-
nal charge pump along with the bootstrap diode and
capacitor. In the MAX15014/MAX15017, the high-side
MOSFET driver supply is generated using only the boot-
strap diode and capacitor.
Error Amplifier
The output of the internal error amplifier (COMP) is avail-
able for frequency compensation (see the Compensation
Design section). The inverting input is FB, the noninvert-
ing input SS, and the output COMP. The error amplifier
has an 80dB open-loop gain and a 1.8MHz GBW product.
See the Typical Operating Characteristics for the Gain
and Phase vs. Frequency graph.
Oscillator/Synchronization Input (SYNC)
With SYNC connected to SGND, the MAX15014–
MAX15017 use their internal oscillator and switch at a
fixed frequency of 135kHz and 500kHz. The MAX15014/
MAX15016 are the 135kHz options and MAX15015/
MAX15017 are the 500kHz options. For external synchro-
nization, drive SYNC with an external clock from 400kHz
to 600kHz (MAX15015/MAX15017), or 100kHz to 200kHz
(MAX15014/MAX15016). When driven with an external
clock, the device synchronizes to the rising edge of SYNC.
PWM Comparator/Voltage Feed-Forward
An internal ramp generator clocked by the internal
oscillator is compared against the output of the error
amplifier to generate the PWM signal. The maximum
amplitude of the ramp (VRAMP) automatically adjusts to
compensate for input voltage and oscillator frequency
changes. This causes the VIN_SW/VRAMP to be a con-
stant 10V/V across the input voltage range of 4.5V to 40V
(MAX15015/MAX15016), or 7.5V to 40V (MAX15014/
MAX15017), and the SYNC frequency range of 400kHz
to 600kHz (MAX15015/MAX15017), or 100kHz to 200kHz
(MAX15014/MAX15016).
Output Short-Circuit Protection
(Hiccup Mode)
The MAX15014–MAX15017 protect against an output
short circuit by utilizing hiccup-mode protection. In hiccup
mode, a series of sequential cycle-by-cycle current-limit
events cause the part to shut down and restart with a soft-
start sequence. This allows the device to operate with a
continuous output short circuit.
During normal operation, the current is monitored at the
drain of the internal power MOSFET. When the current
limit is exceeded, the internal power MOSFET turns off until
the next on-cycle and a counter increments. If the counter
counts seven consecutive current-limit events, the device
discharges the soft-start capacitor and shuts down for 512
clock periods before restarting with a soft-start sequence.
Each time the power MOSFET turns on and the device
does not exceed the current limit, the counter is reset.
MAX15014–MAX15017
1A, 4.5V to 40V Input Buck Converters with
50mA Auxiliary LDO Regulators
www.maximintegrated.com
Maxim Integrated │ 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com