Electronic Components Datasheet Search
  English  ▼

X  

MAX15014 Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # MAX15014
Description  1A, 4.5V to 40V Input Buck Converters with 50mA Auxiliary LDO Regulators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15014 Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button MAX15014 Datasheet HTML 15Page - Maxim Integrated Products MAX15014 Datasheet HTML 16Page - Maxim Integrated Products MAX15014 Datasheet HTML 17Page - Maxim Integrated Products MAX15014 Datasheet HTML 18Page - Maxim Integrated Products MAX15014 Datasheet HTML 19Page - Maxim Integrated Products MAX15014 Datasheet HTML 20Page - Maxim Integrated Products MAX15014 Datasheet HTML 21Page - Maxim Integrated Products MAX15014 Datasheet HTML 22Page - Maxim Integrated Products MAX15014 Datasheet HTML 23Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
The following equations define the power modulator:
IN
MOD_DC
RAMP
LC
OUT
ZESR
OUT
V
G
10
V
1
f
2
LC
1
f
2
C
ESR
=
=
=
× π×
×
=
× π×
×
The switching frequency is internally set at 500kHz
for MAX15015/MAX15017 and can vary from 400kHz
to 600kHz when driven with an external SYNC signal.
The switching frequency is internally set at 135kHz for
MAX15014/MAX15016 and can vary from 100kHz to
200kHz when driven with an external SYNC signal. The
crossover frequency (fC), which is the frequency when the
closed-loop gain is equal to unity, should be set to around
1/10 of the switching frequency or below.
The crossover frequency occurs above the LC double-pole
frequency, and the error amplifier must provide a gain and
phase bump to compensate for the rapid gain and phase
loss from the LC double pole, which exhibits little damping.
This is accomplished by utilizing a Type 3 compensator
that introduces two zeroes and three poles into the control
loop. The error amplifier has a low-frequency pole (fP1)
near the origin so that tight voltage regulation at DC can
be achieved.
The two zeroes are at:
ZI
1
f
2
R5 C7
=
π×
×
and
Z2
1
f
2
(R3 R6) C6
=
π ×
+
×
and the higher frequency poles are at:
P2
1
f
2
R6 C6
=
π×
×
and
P3
1
f
C7 C8
2
R5
C7 C8
=
×
π×
×
+
The compensation design primarily depends on the type
of output capacitor. Ceramic capacitors exhibit very low
ESR, and are well suited for high-switching-frequency
applications, but are limited in capacitance value and
tend to be more expensive. Aluminum electrolytic capaci-
tors have much larger ESR but can reach much larger
capacitance values.
Compensation when fC < fZESR
This is usually the case when a ceramic capacitor is
selected. In this case, fZESR occurs after fC. Figure 3
shows the error amplifier feedback as well as its gain
response.
fZ1 is set to 0.5 to 0.8 x fLC and fZ2 is set to fLC to
compensate for the gain and phase loss due to the double
pole. To achieve a 0dB crossover with -20dB/decade
slope, poles fP2 and fP3 are set above the crossover
frequency (fC).
The values for R3 and R4 are already determined in the
Setting the Output Voltage section. The value of R3 is
also used in the following calculations.
Since fZ2 < fC < fP2, then R3 >> R6, and R3 + R6 can be
approximated as R3.
Now we can calculate C6 for zero fZ2:
LC
1
C6
2
f
R3
=
π×
×
Figure 3. Error Amplifier Compensation Circuit (Closed-Loop
and Error-Amplifier Gain Plot) for Ceramic Capacitors
GAIN
(dB)
VOUT
REF
R3
COMP
R6
R5
C6
R4
FREQUENCY
CLOSED-LOOP
GAIN
EA
GAIN
fZ1 fZ2
fC
fP2 fP3
C8
EA
C7
MAX15014–MAX15017
1A, 4.5V to 40V Input Buck Converters with
50mA Auxiliary LDO Regulators
www.maximintegrated.com
Maxim Integrated │ 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com