Electronic Components Datasheet Search
  English  ▼

X  

MAX15014 Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # MAX15014
Description  1A, 4.5V to 40V Input Buck Converters with 50mA Auxiliary LDO Regulators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15014 Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button MAX15014 Datasheet HTML 16Page - Maxim Integrated Products MAX15014 Datasheet HTML 17Page - Maxim Integrated Products MAX15014 Datasheet HTML 18Page - Maxim Integrated Products MAX15014 Datasheet HTML 19Page - Maxim Integrated Products MAX15014 Datasheet HTML 20Page - Maxim Integrated Products MAX15014 Datasheet HTML 21Page - Maxim Integrated Products MAX15014 Datasheet HTML 22Page - Maxim Integrated Products MAX15014 Datasheet HTML 23Page - Maxim Integrated Products MAX15014 Datasheet HTML 24Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
fC occurs between fZ2 and fP2. In this region, the
compensatorgain (GEA) at fC is due primarily to C6 and
R5. Therefore, GEA(fC) = 2π x fC x C6 x R5 and the
modulator gain at fC is:
MOD_DC
MOD C
2
C
OUT
G
G
(f )
(2
f )
L C
=
π×
× ×
Since GEA(fC) x GMOD(fC) = 1, R5 is calculated by:
C
OUT
MOD_DC
f
LC
2
R5
C6 G
× ×
× π
=
×
The frequency of fZ1 is set to 0.5 x fLC and now we can
calculate C7 by:
LC
1
C7
0.5 2
R5 f
=
× π×
×
fP2 is set at 1/2 the switching frequency (fSW). R6 is then
calculated by:
SW
1
R6
2
C6 (0.5 f
)
=
π×
×
×
Note that if the crossover frequency has been chosen as
1/10 of the switching frequency, then fP2 = 5xfC.
The purpose of fP3 is to further attenuate the residual
switching ripple at the COMP pin.
If the ESR zero (fZESR) occurs in a region between fC and
fSW/2, then fP3 can be used to cancel it. This way, the
Bode plot of the loop-gain plot does not flatten out soon
after the 0dB crossover, and maintains its -20dB/decade
slope up to 1/2 of the switching frequency.
If the ESR zero well exceeds fSW/2 (or even fSW), fP3
should in any case be set high enough not to erode the
phase margin at the crossover frequency. For example, it
can be set between 5 x fC and 10 x fC.
The value for C8 is calculated from:
P3
C7
C8
(2
C7 R5 f
1)
=
π×
×
×
−
Compensation when fC > fZESR
For larger ESR capacitors such as tantalum and
aluminum electrolytic, fZESR can occur before fC. If fZESR
< fC, then fC occurs between fP2 and fP3. fZ1 and fZ2
remain the same as before; however, fP2 is now set equal
to fZESR. The output capacitor’s ESR zero frequency is
higher than fLC but lower than the closed-loop crossover
frequency. The equations that define the error amplifier’s
poles and zeros (fZ1, fZ2, fP2, and fP3) are the same as
before; however, fP2 is now lower than the closed-loop
crossover frequency. Figure 4 shows the error-amplifier
feedback as well as its gain response for circuits that
use higher-ESR output capacitors (tantalum or aluminum
electrolytic).
Again, starting from R3, calculate C6 for zero fZ2:
LC
1
C6
2
f
R3
=
π×
×
and then place fP2 to cancel the ESR zero. R6 is
calculated as:
OUT
C
ESR
R6
C6
×
=
If the value obtained here for R6 is not considerably
smaller than R3, recalculate C6 using (R3 + R6) in place
of R3. Then use the new value of C6 to obtain a better
approximation for R6. The process can be further iterated,
and convergence is ensured as long as fLC < fZESR.
Figure 4. Error Amplifier Compensation Circuit (Closed-
Loop and Error-Amplifier Gain Plot) for Higher ESR Output
Capacitors
GAIN
(dB)
VOUT
REF
R3
COMP
R6
R5
C6
R4
FREQUENCY
CLOSED-LOOP
GAIN
EA
GAIN
fZ1 fZ2
fC
fP2
fP3
C8
EA
C7
MAX15014–MAX15017
1A, 4.5V to 40V Input Buck Converters with
50mA Auxiliary LDO Regulators
www.maximintegrated.com
Maxim Integrated │ 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com