Electronic Components Datasheet Search
  English  ▼

X  

MAX15014 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX15014
Description  1A, 4.5V to 40V Input Buck Converters with 50mA Auxiliary LDO Regulators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15014 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX15014 Datasheet HTML 1Page - Maxim Integrated Products MAX15014 Datasheet HTML 2Page - Maxim Integrated Products MAX15014 Datasheet HTML 3Page - Maxim Integrated Products MAX15014 Datasheet HTML 4Page - Maxim Integrated Products MAX15014 Datasheet HTML 5Page - Maxim Integrated Products MAX15014 Datasheet HTML 6Page - Maxim Integrated Products MAX15014 Datasheet HTML 7Page - Maxim Integrated Products MAX15014 Datasheet HTML 8Page - Maxim Integrated Products MAX15014 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
(VIN_SW = VIN_LDO = VDRAIN = 14V, VEN_SYS = VEN_SW = 2.4V, VREG = VDVREG, VSYNC = VSET_LDO = VSGND = VPGND = 0V,
CREG = 1μF, CIN_SW = 0.1μF, CIN_LDO = 0.1μF, CLDO_OUT = 10μF, CDRAIN = 0.22μF, TA = TJ = -40°C to +125°C, unless otherwise
noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Undervoltage Lockout
Hysteresis
UVLO_
LDOHYST
0.3
V
Output Current
IOUT
VIN = 6V (Note 2)
65
200
mA
Output Voltage
VLDO_OUT
SET_LDO = SGND,
MAX1501_A
ILDO_OUT = 100µA
4.90
5
5.06
V
ILDO_OUT = 1mA
4.90
5
5.06
6V ≤ VIN_LDO ≤ 40V,
ILDO_OUT = 1mA
4.85
5
5.15
1mA ≤ IOUT ≤ 50mA,
VIN_LDO = 14V
4.85
5
5.15
SET_LDO = SGND,
MAX1501_B
ILDO_OUT = 100µA
3.22
3.3
3.35
ILDO_OUT = 1mA
3.22
3.3
3.35
6V ≤ VIN_LDO ≤ 40V,
ILDO_OUT = 1mA
3.2
3.3
3.4
1mA ≤ ILDO_OUT ≤
50mA, VIN_LDO = 14V
3.2
3.3
3.4
Adjustable Output Voltage
Range
VADJ
VSET_LDO > 0.25V
1.5
11.0
V
Dropout Voltage
ΔVDO
VIN_LDO = 5V,
MAX1501_A
IOUT = 10mA
0.6
V
IOUT = 50mA
0.82
VIN_LDO = 4.0V,
MAX1501_B
IOUT = 10mA
0.1
IOUT = 50mA
0.4
Startup Response Time
From EN_SYS high to LDO_OUT rise,
RL = 500Ω, SET_LDO = SGND
400
µs
SET_LDO Reference Voltage
VSET_LDO
1.220
1.241
1.265
V
Minimum SET_LDO Threshold
(Note 3)
185
mV
SET_LDO Input Leakage
Current
ISET_LDO
VSET_LDO = 11V
0.5
100
nA
Power-Supply Rejection Ratio
PSRR
IOUT = 10mA, f = 100Hz, 500mVP-P, VLDO_
OUT = 5V
78
dB
IOUT = 10mA, f = 1MHz, 500mVP-P, VLDO_
OUT = 5V
24
Short-Circuit Current
ISC
125
185
300
mA
MAX15014–MAX15017
1A, 4.5V to 40V Input Buck Converters with
50mA Auxiliary LDO Regulators
www.maximintegrated.com
Maxim Integrated │ 5
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com