Electronic Components Datasheet Search
  English  ▼

X  

MAX15014 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX15014
Description  1A, 4.5V to 40V Input Buck Converters with 50mA Auxiliary LDO Regulators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15014 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX15014 Datasheet HTML 1Page - Maxim Integrated Products MAX15014 Datasheet HTML 2Page - Maxim Integrated Products MAX15014 Datasheet HTML 3Page - Maxim Integrated Products MAX15014 Datasheet HTML 4Page - Maxim Integrated Products MAX15014 Datasheet HTML 5Page - Maxim Integrated Products MAX15014 Datasheet HTML 6Page - Maxim Integrated Products MAX15014 Datasheet HTML 7Page - Maxim Integrated Products MAX15014 Datasheet HTML 8Page - Maxim Integrated Products MAX15014 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
(VIN_SW = VIN_LDO = VDRAIN = 14V, VEN_SYS = VEN_SW = 2.4V, VREG = VDVREG, VSYNC = VSET_LDO = VSGND = VPGND = 0V,
CREG = 1μF, CIN_SW = 0.1μF, CIN_LDO = 0.1μF, CLDO_OUT = 10μF, CDRAIN = 0.22μF, TA = TJ = -40°C to +125°C, unless otherwise
noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SYNC Frequency Range
fSYNC
MAX15014/MAX15016
100
200
kHz
MAX15015/MAX15017
400
600
Ramp Level Shift (Valley)
0.3
V
ERROR AMPLIFER
Soft-Start Reference Voltage
VSS
1.210
1.235
1.260
V
Soft-Start Current
ISS
VSS = 0V
7
12
17
µA
FB Regulation Voltage
VFB
1.210
1.235
1.260
V
FB Input Range
VFB
0
1.5
V
FB Input Current
IFB
VFB = 1.244V
-250
+250
nA
COMP Voltage Range
ICOMP = -500µA to +500µA
0.25
4.5
V
Open-Loop Gain
80
dB
Unity-Gain Bandwidth
1.8
MHz
PWM Modulator Gain
fSYNC = 500kHz, MAX15015/MAX15017
10
V/V
fSYNC = 135kHz, MAX15014/MAX15016
10
CURRENT-LIMIT COMPARATOR
Pulse Skip Threshold
IPFM
100
200
300
mA
Cycle-by-Cycle Current Limit
IILIM
1.3
2
2.6
A
Number of Consecutive ILIM
Events to Hiccup
7
—
Hiccup Timeout
512
Clock
periods
POWER SWITCH
Switch On-Resistance
VBST - VLX = 6V
0.15
0.4
0.80
Ω
Switch Gate Charge
VBST - VLX = 6V
4
nC
Switch Leakage Current
VIN_SW = VIN_LDO = VLX = VDRAIN =
40V, VFB = 0V
10
µA
BST Quiescent Current
VBST = 40V, VDRAIN = 40V, VFB = 0V,
DVREG = 5V
400
600
µA
BST Leakage Current
VBST = VDRAIN = VLX = VIN_SW = VIN_
LDO = 40V, EN_SW = 0V
1
µA
CHARGE PUMP (MAX15015/MAX15016)
C- Output Voltage Low
Sinking 10mA
0.1
V
C- Output Voltage High
Relative to DVREG, sourcing 10mA
0.1
V
DVREG to C+ On-Resistance
Sourcing 10mA
10
Ω
LX to PGND On-Resistance
Sinking 10mA
12
Ω
LDO
Input Voltage Range
VIN_LDO
5
40
V
Undervoltage Lockout Threshold
UVLO_LDOTH VIN_LDO rising
3.90
4.1
4.25
V
MAX15014–MAX15017
1A, 4.5V to 40V Input Buck Converters with
50mA Auxiliary LDO Regulators
www.maximintegrated.com
Maxim Integrated │ 4
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com