Electronic Components Datasheet Search
  English  ▼

X  

MAX15014 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX15014
Description  1A, 4.5V to 40V Input Buck Converters with 50mA Auxiliary LDO Regulators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15014 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX15014 Datasheet HTML 17Page - Maxim Integrated Products MAX15014 Datasheet HTML 18Page - Maxim Integrated Products MAX15014 Datasheet HTML 19Page - Maxim Integrated Products MAX15014 Datasheet HTML 20Page - Maxim Integrated Products MAX15014 Datasheet HTML 21Page - Maxim Integrated Products MAX15014 Datasheet HTML 22Page - Maxim Integrated Products MAX15014 Datasheet HTML 23Page - Maxim Integrated Products MAX15014 Datasheet HTML 24Page - Maxim Integrated Products MAX15014 Datasheet HTML 25Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
The error-amplifier gain between fP2 and fP3 is approxi-
mately equal to R5/(R6 || R3).
The ESR zero frequency (fZESR) might not be very much
higher than the double-pole frequency fLC; therefore, the
value of R5 can be calculated as:
2
C
2
MOD_DC
LC
f
R3 R6
R5
R3 R6 Gf
×
=
×
+
×
C7 can still be calculated as:
LC
1
C7
0.5 2
R5 f
=
× π×
×
fP3 is set at 5xfC. Therefore, C8 is calculated as:
P3
C7
C8
2
C7 R5 f
1
=
π×
×
×
−
Setting the LDO Linear Regulator
Output Voltage
The MAX15014–MAX15017 LDO regulator features Dual
Mode™ operation: it can operate in either a preset volt-
age mode or an adjustable mode. In preset-voltage mode,
internal trimmed feedback resistors set the internal linear
regulator to 3.3V or 5V (see the Selector Guide). Select
preset-voltage mode by connecting SET_LDO to ground.
In adjustable mode, select an output voltage between
1.5V and 11V using two external resistors connected as
a voltage-divider to SET_LDO (see Figure 5). Set the
output voltage using the following equation:
OUT
SET_LDO
R1
VV
1
R2

=
+


where VSET_LDO = 1.241V and the recommended value
for R2 is around 50kΩ.
Setting the RESET Timeout Delay
The RESET timeout period is adjustable to accommodate
a variety of μP applications. Adjust the RESET timeout
period by connecting a capacitor (CCT) between CT and
SGND.
×
=
-
CT TH
CT
RP
-
CT THQ
CV
t
I
where VCT-TH = delay-comparator threshold (rising) =
1.241V (typ), ICT-THQ = CT charge current = 2 x 10-6A
(typ), tRP is in seconds and CCT is in Farads.
Connect CT to LDO_OUT to select the internally
fixed timeout period. CCT must be a low-leakage-type
capacitor. Ceramic capacitors are recommended; do not
use capacitors lower than 200pF to avoid the influence of
parasitic capacitances.
Capacitor Selection and Regulator Stability
For stable operation over the full temperature range and
with load currents up to 50mA, use a 10μF (min) output
capacitor (CLDO_OUT) with a maximum ESR of 0.4Ω.
To reduce noise and improve load-transient response,
stability, and power-supply rejection, use larger output
capacitor values. Some ceramic dielectrics such as
Z5U and Y5V exhibit very large capacitance and ESR
variation with temperature and are not recommended.
With X7R or X5R dielectrics, 15μF should be sufficient for
operation over their rated temperature range. For higher
ESR tantalum capacitors (up to 1Ω), use 22μF or more
to maintain stability. To improve power-supply rejection
and transient response, use a minimum 0.1μF capacitor
between IN_LDO and SGND.
Power Dissipation
The MAX15014–MAX15017 are available in a thermally
enhanced package and can dissipate up to 2.86W at TA
= +70°C. When the die temperature reaches +160°C,
the part shuts down and is allowed to cool. After the die
cools by 20°C, the device restarts with a soft-start. The
power dissipated in the device is the sum of the power
dissipated in the LDO, power dissipated from supply
current (PQ), transition losses due to switching the
internal power MOSFET (PSW), and the power
Dual Mode is a trademark of Maxim Integrated Products, Inc.
Figure 5. Setting the Output Voltage Using a Resistive Divider
MAX15014–
MAX15017
LDO_OUT
SET_LDO
R2
R1
SGND
IN_LDO
VIN_LDO
MAX15014–MAX15017
1A, 4.5V to 40V Input Buck Converters with
50mA Auxiliary LDO Regulators
www.maximintegrated.com
Maxim Integrated │ 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com