Electronic Components Datasheet Search
  English  ▼

X  

MAX15014 Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX15014
Description  1A, 4.5V to 40V Input Buck Converters with 50mA Auxiliary LDO Regulators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15014 Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX15014 Datasheet HTML 14Page - Maxim Integrated Products MAX15014 Datasheet HTML 15Page - Maxim Integrated Products MAX15014 Datasheet HTML 16Page - Maxim Integrated Products MAX15014 Datasheet HTML 17Page - Maxim Integrated Products MAX15014 Datasheet HTML 18Page - Maxim Integrated Products MAX15014 Datasheet HTML 19Page - Maxim Integrated Products MAX15014 Datasheet HTML 20Page - Maxim Integrated Products MAX15014 Datasheet HTML 21Page - Maxim Integrated Products MAX15014 Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
ESR
PP
OUT_MAX
OUT_MAX
IN
Q
SW
V
ESR
I
I
2
ID
C
Vf
−
∆
=
∆
+
×
=
∆×
where CIN is the sum of CDRAIN and additional decoupling
capacitance at the buck converter input,
IN
OUT
OUT
PP
IN
SW
OUT
IN
(V
V
) V
I
and
Vf
L
V
D
V
−
−×
∆=
××
=
IOUT_MAX is the maximum output current, D is the duty
cycle, and fSW is the switching frequency.
The MAX15014–MAX15017 include UVLO hysteresis
and soft-start to avoid chattering during turn-on. However,
use additional bulk capacitance if the input source
impedance is high. Use enough input capacitance
at lower input voltages to avoid possible undershoot
below the undervoltage-lockout threshold during transient
loading.
Output Capacitor Selection
The allowable output-voltage ripple and the maximum
deviation of the output voltage during load steps deter-
mine the output capacitance (COUT) and its equivalent
series resistance (ESR). The output ripple is mainly
composed of ΔVQ (caused by the capacitor discharge)
and ΔVESR (caused by the voltage drop across the ESR
of the output capacitor). The equations for calculating the
peak-to-peak output-voltage ripple are:
PP
Q
OUT
SW
ESR
P P
I
V
8C
f
V
ESR
I
−
−
∆
∆=
××
∆
=
×∆
Normally, a good approximation of the output-voltage
ripple is ΔVRIPPLE = ΔVESR + ΔVQ. If using ceramic
capacitors, assume the contribution to the output-voltage
ripple from ESR and the capacitor discharge to be equal
to 20% and 80%, respectively. ΔIP-P is the peak-to-
peak inductor current (see the Input Capacitor Selection
section) and fSW is the converter’s switching frequency.
The allowable deviation of the output voltage during fast-
load transients also determines the output capacitance,
its ESR, and its equivalent series inductance (ESL).
The output capacitor supplies the load current during
a load step until the controller responds with a greater
duty cycle. The response time (tRESPONSE) depends
on the closed-loop bandwidth of the converter (see
the Compensation Design section). The resistive drop
across the output capacitor’s ESR, the drop across the
capacitor’s ESL (ΔVESL), and the capacitor discharge
causes a voltage droop during the load step.
Use a combination of low-ESR tantalum/aluminum
electrolytic and ceramic capacitors for better
transient load and voltage-ripple performance. Non-leaded
capacitors and capacitors in parallel help reduce the ESL.
Keep the maximum output-voltage deviation below the
tolerable limits of the electronics being powered. Use the
following equations to calculate the required ESR, ESL,
and capacitance value during a load step:
ESR
STEP
STEP
RESPONSE
OUT
Q
ESL
STEP
STEP
RESPONSE
C
V
ESR
I
I
t
C
V
V
t
ESL
I
1
t
3
≅
∆
=
×
=
∆
∆×
=
ƒ
where ISTEP is the load step, tSTEP is the rise time of
the load step, tRESPONSE is the response time of the
controller, and fC is the closed-loop crossover frequency.
Compensation Design
The MAX15014–MAX15017 use a voltage-mode-control
scheme that regulates the output voltage by comparing
the error-amplifier output (COMP) with an internal ramp
to produce the required duty cycle. The output lowpass
LC filter creates a double pole at the resonant frequency,
which has a gain drop of -40dB/decade. The error ampli-
fier must compensate for this gain drop and phase shift to
achieve a stable closed-loop system.
The basic regulator loop consists of a power modulator,
an output feedback-divider, and a voltage error amplifier.
The power modulator has a DC gain set by VIN/VRAMP,
with a double pole and a single zero set by the output
inductance (L), the output capacitance (COUT), and its
ESR. The power modulator incorporates a voltage feed-
forward feature, which automatically adjusts for variations
in the input voltage, resulting in a DC gain of 10.
MAX15014–MAX15017
1A, 4.5V to 40V Input Buck Converters with
50mA Auxiliary LDO Regulators
www.maximintegrated.com
Maxim Integrated │ 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com