Electronic Components Datasheet Search
  English  ▼

X  

MAX15014 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX15014
Description  1A, 4.5V to 40V Input Buck Converters with 50mA Auxiliary LDO Regulators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15014 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX15014 Datasheet HTML 1Page - Maxim Integrated Products MAX15014 Datasheet HTML 2Page - Maxim Integrated Products MAX15014 Datasheet HTML 3Page - Maxim Integrated Products MAX15014 Datasheet HTML 4Page - Maxim Integrated Products MAX15014 Datasheet HTML 5Page - Maxim Integrated Products MAX15014 Datasheet HTML 6Page - Maxim Integrated Products MAX15014 Datasheet HTML 7Page - Maxim Integrated Products MAX15014 Datasheet HTML 8Page - Maxim Integrated Products MAX15014 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
IN_SW, IN_LDO, DRAIN, EN_SYS, EN_SW
to SGND ............................................................-0.3V to +45V
IN_LDO to IN_SW................................................-0.3V to +0.3V
LX to SGND.........................................-0.3V to (VIN_SW + 0.3V)
LX to PGND.........................................-0.3V to (VIN_SW + 0.3V)
BST to SGND.......................................-0.3V to (VIN_SW + 12V)
BST to LX..............................................................-0.3V to +12V
PGND to SGND....................................................-0.3V to +0.3V
REG, DVREG, SYNC, RESET, CT to SGND .......-0.3V to +12V
FB, COMP_SW, SS to SGND................-0.3V to (VREG + 0.3V)
SET_LDO, LDO_OUT to SGND............................-0.3V to +12V
C+ to PGND
(MAX15015/MAX15016 only)............(VDVREG - 0.3V) to 12V
C- to PGND
(MAX15015/MAX15016 only)........ -0.3V to (VDVREG + 0.3V)
LDO_OUT Output Current................................Internally Limited
Switch DC Current (DRAIN and LX pins combined)
TJ = +125°C .........................................................................1.9A
TJ = +150°C .......................................................................1.25A
RESET Sink Current ............................................................5mA
Continuous Power Dissipation (TA = +70°C)
36-Pin TQFN (derate 26.3mW/°C above +70°C)
Single-Layer Board....................................................2105mW
36-Pin TQFN (derate 35.7mW/°C above +70°C)
Multilayer Board.........................................................2857mW
Operating Temperature Range......................... -40°C to +125°C
Maximum Junction Temperature .....................................+150°C
Storage Temperature Range............................ -60°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
(VIN_SW = VIN_LDO = VDRAIN = 14V, VEN_SYS = VEN_SW = 2.4V, VREG = VDVREG, VSYNC = VSET_LDO = VSGND = VPGND = 0V,
CREG = 1μF, CIN_SW = 0.1μF, CIN_LDO = 0.1μF, CLDO_OUT = 10μF, CDRAIN = 0.22μF, TA = TJ = -40°C to +125°C, unless otherwise
noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
System Supply Current (Not
Switching)
ISYS
No load
VFB = 1.3V,
MAX15014/MAX15017
0.7
1.8
mA
VFB = 1.3V,
MAX15015/MAX15016
0.85
1.8
Switching System Supply
Current
ISW
No load
VFB = 0V, MAX15014/
MAX15017
5.6
mA
VFB = 0V, MAX15015/
MAX15016
8.6
LDO Quiescent Current
ILDO
VEN_SYS = 14V,
VEN_SW = 0V
ILDO_OUT = 100µA
47
63
µA
ILDO_OUT = 50mA
130
200
System Shutdown Current
ISHDN
VEN_SYS = 0V, VEN_SW = 0V
6
10
µA
System Enable Voltage
VEN_SYSH EN_SYS = high, system on
2.4
V
VEN_SYSL
EN_SYS = low, system off
0.8
System Enable Hysteresis
220
mV
System Enable Input Current
IEN_SYS
VEN_SYS = 2.4V
0.5
2
µA
VEN_SYS = 14V
0.6
2
BUCK CONVERTER
Input Voltage Range
VIN_SW
MAX15014/MAX15017
7.5
40.0
V
MAX15015/MAX15016
4.5
40.0
MAX15014–MAX15017
1A, 4.5V to 40V Input Buck Converters with
50mA Auxiliary LDO Regulators
www.maximintegrated.com
Maxim Integrated │ 2
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com