Electronic Components Datasheet Search
  English  ▼

X  

MAX15014 Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX15014
Description  1A, 4.5V to 40V Input Buck Converters with 50mA Auxiliary LDO Regulators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15014 Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX15014 Datasheet HTML 11Page - Maxim Integrated Products MAX15014 Datasheet HTML 12Page - Maxim Integrated Products MAX15014 Datasheet HTML 13Page - Maxim Integrated Products MAX15014 Datasheet HTML 14Page - Maxim Integrated Products MAX15014 Datasheet HTML 15Page - Maxim Integrated Products MAX15014 Datasheet HTML 16Page - Maxim Integrated Products MAX15014 Datasheet HTML 17Page - Maxim Integrated Products MAX15014 Datasheet HTML 18Page - Maxim Integrated Products MAX15014 Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
active. When EN_SYS is low, the entire chip is off (see
Table 1).
The MAX15014–MAX15017 provide undervoltage lockout
(UVLO). The UVLO monitors the input voltage (VIN_LDO)
and is fixed at 4.1V (MAX15015/MAX15016) or 7V
(MAX15014/MAX15017).
Internal Linear Regulator (REG)
REG is the output terminal of a 5V (MAX15015/
MAX15016), or 8V (MAX15014/MAX15017) LDO that
is powered from IN_SW and provides power to the IC.
Connect REG externally to DVREG to provide power for
the high-side MOSFET gate driver. Bypass REG to SGND
with a ceramic capacitor (CREG) of at least 1μF. Place the
Figure 2. MAX15014/MAX15017 Simplified Block Diagram
Table 1. Enable Inputs Configuration
EN_SYS
EN_SW
LDO REGULATOR
DC-DC SWITCHING
CONVERTER
Low
Low
Off
Off
Low
High
Off
Off
High
Low
On
Off
High
High
On
On
MAX15014
MAX15017
PASS ELEMENT
DELAY COMPARATOR
VREF
REF_ILIM
VREF
TSD
VREF
ISS
PREREG
SHDN
REG_LDO
HIGH-SIDE
CURRENT
SENSE
DVREG
LOGIC
OVERLOAD
MANAGEMENT
THERMAL
SHDN
MUX
VINT
RAMP
IN S/W
+
-
+
-
+
-
REF_PFM
CLK
OVERL
+
-
LDO_OUT
SET_LOD
CT
DRAIN
BST
LX
RESET
185mV
PGND
VINT
VREF
VINTOK
VREG_EN
UVLO_LDO
UVLO_SW
ENABLE LDO
0.925 x VREF
VREG_ OK
PFM
EN
PFM
VREG_OK
VINT
VINT
VINT
VINT
-
+
VINT
IN_LDO
VINT
-
+
UVLO_LDO
TSD
SHDN
UVLO_SW
TSD
SHDN
VREF
2A
OUT_LDO
-
+
EN_SYS
IN_SW
IN_LDO
PCLK
SCLK
SSA
+
-
E/A
+
-
-
+
+
0.3V
CLK
-
CPWM
EN
OSC
VREFOK
4.1V
VINTOK
VREFOK
7.0V OR 4.1V
VINTOK
REF
VINT
VREFOK
REG
EN_SW
SS
FB
COMP
SYNC
SGND
ILIM
MAX15014–MAX15017
1A, 4.5V to 40V Input Buck Converters with
50mA Auxiliary LDO Regulators
www.maximintegrated.com
Maxim Integrated │ 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com