Electronic Components Datasheet Search
  English  ▼

X  

MAX15014 Datasheet(PDF) 22 Page - Maxim Integrated Products

Part # MAX15014
Description  1A, 4.5V to 40V Input Buck Converters with 50mA Auxiliary LDO Regulators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15014 Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button MAX15014 Datasheet HTML 17Page - Maxim Integrated Products MAX15014 Datasheet HTML 18Page - Maxim Integrated Products MAX15014 Datasheet HTML 19Page - Maxim Integrated Products MAX15014 Datasheet HTML 20Page - Maxim Integrated Products MAX15014 Datasheet HTML 21Page - Maxim Integrated Products MAX15014 Datasheet HTML 22Page - Maxim Integrated Products MAX15014 Datasheet HTML 23Page - Maxim Integrated Products MAX15014 Datasheet HTML 24Page - Maxim Integrated Products MAX15014 Datasheet HTML 25Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
dissipated due to the RMS current through the internal
power MOSFET (PMOSFET). The total power dissipated
in the package must be limited such that the junction
temperature does not exceed its absolute maximum rating
of +150°C at maximum ambient temperature. Calculate
the power lost in the MAX15014–MAX15017 using the
following equations:
The power loss through the switch:
MOSFET
RMS_MOSFET
ON
22
RMS_MOSFET
PK
PK
DC
DC
PP
PK
OUT
PP
DC
OUT
OUT
IN
2
P
(I
) R
D
I
I
(I
I
) I
3
I
II
2
I
II
2
V
D
V
−
−
=
×
=
×
+
×
+
∆
=
+
∆
=
−
=
RON is the on-resistance of the internal power MOSFET
(see the Electrical Characteristics).
The power loss due to switching the internal MOSFET:
IN OUT
R
F
SW
SW
V
I
(t
t ) f
P
4
×
×
+×
=
tR and tF are the rise and fall times of the internal power
MOSFET measured at LX.
The power loss due to the switching supply current (ISW):
PQ = VIN_SW ×ISW
The power loss due to the LDO regulator:
PLDO = (VIN_LDO − VLDO_OUT) ×ILDO_OUT
The total power dissipated in the device will be:
PTOTAL = PMOSFET + PSW + PQ + PLDO
Figure 6. MAX15015/MAX15016 Typical Application Circuit (4.5V to 40V Input Operation)
MAX15015
MAX15016
SGND
SGND
SET_LDO
0.47µF
CREG
1Ω
PGND
PGND
R5
C7
DVREG
R4
R3
C-
C+
FB
COMP
CIN_SW
CDRAIN
CIN_LDO
EN_SYS
EN_SW
REG
SYNC
SS
CSS
R6
C6
CT
CF
VIN
5V TO 40V
RESET
LDO_OUT
CCT
D2
CBST
10kΩ
CLDO_OUT
VOUT2 AT 50mA
LX
BST
COUT
VOUT1 AT 1A
L
IN_SW
DRAIN
D1
IN_LDO
C8
VIN
4.5V TO 40V
MAX15014–MAX15017
1A, 4.5V to 40V Input Buck Converters with
50mA Auxiliary LDO Regulators
www.maximintegrated.com
Maxim Integrated │ 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com