Electronic Components Datasheet Search
  English  ▼

X  

MAX15014 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX15014
Description  1A, 4.5V to 40V Input Buck Converters with 50mA Auxiliary LDO Regulators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15014 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX15014 Datasheet HTML 9Page - Maxim Integrated Products MAX15014 Datasheet HTML 10Page - Maxim Integrated Products MAX15014 Datasheet HTML 11Page - Maxim Integrated Products MAX15014 Datasheet HTML 12Page - Maxim Integrated Products MAX15014 Datasheet HTML 13Page - Maxim Integrated Products MAX15014 Datasheet HTML 14Page - Maxim Integrated Products MAX15014 Datasheet HTML 15Page - Maxim Integrated Products MAX15014 Datasheet HTML 16Page - Maxim Integrated Products MAX15014 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
PIN
NAME
FUNCTION
MAX15014/
MAX15017
MAX15015/
MAX15016
—
23
C-
Charge-Pump Flying Capacitor Negative Connection (MAX15015/MAX15016 only)
25
25
DVREG
Gate Drive Supply for the High-Side MOSFET Driver. Connect to REG and to
the anode of the bootstrap diode for MAX15014/MAX15017. Connect to REG for
MAX15015/MAX15016.
—
28
C+
Charge-Pump Flying Capacitor Positive Connection (MAX15015/MAX15016 only).
Connect to the positive terminal of the external pump capacitor and to the anode of
the bootstrap diode.
29
29
SYNC
Oscillator Synchronization Input. SYNC can be driven by an external clock to
synchronize the switching frequency. Connect SYNC to SGND when not used.
31
31
COMP
Error Amplifier Output. Connect COMP to the compensation feedback network.
32
32
FB
Feedback Regulation Point. Connect to the center tap of a resistive divider from
converter output to SGND to set the output voltage. The FB voltage regulates to the
voltage present at SS (1.235V).
33
33
SS
Soft-Start and Reference Output. Connect a capacitor from SS to SGND to set the
soft-start time. See the Applications Information section to calculate the value of the
CSS capacitor.
34
34
REG
Internal Regulator Output. 5V output for the MAX15015/MAX15016 and 8V output for
the MAX15014/MAX15017. Bypass to SGND with at least a 1µF ceramic capacitor.
36
36
IN_SW
Supply Input Connection. Connect to IN_LDO and an external voltage source from
4.5V to 40V. EN_SW and EN_SYS must be high and IN_SW must be above its
UVLO threshold for operation of the switching regulator.
—
—
EP
Exposed Pad. The exposed pad must be electrically connected to SGND. For an
effective heatsinking, solder the exposed pad to a large copper plane.
MAX15014–MAX15017
1A, 4.5V to 40V Input Buck Converters with
50mA Auxiliary LDO Regulators
www.maximintegrated.com
Maxim Integrated │ 13
Pin Description (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com