Electronic Components Datasheet Search
  English  ▼

X  

MAX15014 Datasheet(PDF) 24 Page - Maxim Integrated Products

Part # MAX15014
Description  1A, 4.5V to 40V Input Buck Converters with 50mA Auxiliary LDO Regulators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15014 Datasheet(HTML) 24 Page - Maxim Integrated Products

Back Button MAX15014 Datasheet HTML 17Page - Maxim Integrated Products MAX15014 Datasheet HTML 18Page - Maxim Integrated Products MAX15014 Datasheet HTML 19Page - Maxim Integrated Products MAX15014 Datasheet HTML 20Page - Maxim Integrated Products MAX15014 Datasheet HTML 21Page - Maxim Integrated Products MAX15014 Datasheet HTML 22Page - Maxim Integrated Products MAX15014 Datasheet HTML 23Page - Maxim Integrated Products MAX15014 Datasheet HTML 24Page - Maxim Integrated Products MAX15014 Datasheet HTML 25Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
PART
SWITCHING
FREQUENCY (kHz)
DC-DC MINIMUM
INPUT VOLTAGE (V)
CHARGE
PUMP
LDO OUTPUT
5V
3.3V
ADJUSTABLE
OUTPUT
MAX15014A
135
7.5
—
X
—
X
MAX15014B
135
7.5
—
—
X
X
MAX15015A
500
4.5
X
X
—
X
MAX15015B
500
4.5
X
—
X
X
MAX15016A
135
4.5
X
X
—
X
MAX15016B
135
4.5
X
—
X
X
MAX15017A
500
7.5
—
X
—
X
MAX15017B
500
7.5
—
—
X
X
Package Information
For the latest package outline information and land patterns
(footprints), go to
www.maximintegrated.com/packages. Note
that a “+”, “#”, or “-” in the package code indicates RoHS status
only. Package drawings may show a different suffix character, but
the drawing pertains to the package regardless of RoHS status.
PACKAGE
TYPE
PACKAGE
CODE
OUTLINE
NO.
LAND
PATTERN NO.
36 TQFN
T3666+3
21-0141
90-0050
1
2
3
4
5
6
7
8
9
27
26
25
24
23
22
21
20
19
+
TQFN
MAX15014–
MAX15017
TOP VIEW
N.C.
DRAIN
DRAIN
PGND
C- (I.C.)
N.C.
DVREG
N.C.
N.C.
N.C.
N.C.
N.C.
RESET
SGND
CT
EN_SW
EN_SYS
N.C.
*EP = EXPOSED PAD.
EP*
( ) MAX15014/MAX15017
MAX15014–MAX15017
1A, 4.5V to 40V Input Buck Converters with
50mA Auxiliary LDO Regulators
www.maximintegrated.com
Maxim Integrated │ 24
Chip Information
PROCESS: BiCMOS/DMOS
Pin Configuration
Selector Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com