Electronic Components Datasheet Search
  English  ▼

X  

MAX15014 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX15014
Description  1A, 4.5V to 40V Input Buck Converters with 50mA Auxiliary LDO Regulators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15014 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX15014 Datasheet HTML 5Page - Maxim Integrated Products MAX15014 Datasheet HTML 6Page - Maxim Integrated Products MAX15014 Datasheet HTML 7Page - Maxim Integrated Products MAX15014 Datasheet HTML 8Page - Maxim Integrated Products MAX15014 Datasheet HTML 9Page - Maxim Integrated Products MAX15014 Datasheet HTML 10Page - Maxim Integrated Products MAX15014 Datasheet HTML 11Page - Maxim Integrated Products MAX15014 Datasheet HTML 12Page - Maxim Integrated Products MAX15014 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
(VIN_SW = VIN_LDO = VDRAIN =14V, VEN_SYS = VEN_SW = 2.4V, VREG = VDVREG, VSYNC = VSET_LDO = VSGND = VPGND = 0V, CREG =
1μF, CIN_SW = 0.1μF, CIN_LDO = 0.1μF, CLDO_OUT = 10μF, CDRAIN = 0.22μF, see Figures 6 and 7, TA = +25°C, unless otherwise noted.)
2µs/div
LX VOLTAGE AND INDUCTOR CURRENT
VLX
5V/div
INDUCTOR CURRENT
500mA/div
MAX15014 toc21
ILOAD = 1A
0V
0
100
50
200
150
350
300
250
400
300
500
400
600 700 800 900 1000
MINIMUM LX PULSE WIDTH
vs. LOAD CURRENT
LOAD CURRENT (mA)
VOUT = 3.3V
LDO QUIESCENT CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
-50 -25
0
25
50
75
100 125
0
10
20
30
40
50
60
70
NO LOAD
ILOAD = 100A
MAX15015B
2µs/div
LX VOLTAGE AND INDUCTOR CURRENT
VLX
5V/div
0V
0V
INDUCTOR CURRENT
200mA/div
MAX15014 toc19
ILOAD = 40mA
MAX150_ _
2µs/div
LX VOLTAGE AND INDUCTOR CURRENT
VLX
5V/div
0V
INDUCTOR CURRENT
100mA/div
MAX15014 toc20
ILOAD = 160mA
OUTPUT VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
-40 -15
10
35
60
85
110 135
4.85
4.90
4.95
5.00
5.05
5.10
ILOAD = 50mA
ILOAD = 1mA
ILOAD = 10mA
MAX15015A
OUTPUT VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
-40 -15
10
35
60
85
110 135
3.23
3.24
3.25
3.26
3.27
3.28
3.29
3.30
3.31
ILOAD = 50mA
ILOAD = 10mA
ILOAD = 1mA
MAX15015B
MAX15014–MAX15017
1A, 4.5V to 40V Input Buck Converters with
50mA Auxiliary LDO Regulators
Maxim Integrated │ 9
www.maximintegrated.com
Typical Operating Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com