Electronic Components Datasheet Search
  English  ▼

X  

MAX15014 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX15014
Description  1A, 4.5V to 40V Input Buck Converters with 50mA Auxiliary LDO Regulators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15014 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX15014 Datasheet HTML 1Page - Maxim Integrated Products MAX15014 Datasheet HTML 2Page - Maxim Integrated Products MAX15014 Datasheet HTML 3Page - Maxim Integrated Products MAX15014 Datasheet HTML 4Page - Maxim Integrated Products MAX15014 Datasheet HTML 5Page - Maxim Integrated Products MAX15014 Datasheet HTML 6Page - Maxim Integrated Products MAX15014 Datasheet HTML 7Page - Maxim Integrated Products MAX15014 Datasheet HTML 8Page - Maxim Integrated Products MAX15014 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
General Description
The MAX15014–MAX15017 combine a step-down DC-DC
converter and a 50mA, low-quiescent-current low-dropout
(LDO) regulator. The LDO regulator is ideal for powering
always-on circuitry. The DC-DC converter input voltage
range is 4.5V to 40V for the MAX15015/MAX15016, and
7.5V to 40V for the MAX15014/MAX15017.
The DC-DC converter output is adjustable from 1.26V
to 32V and can deliver up to 1A of load current. These
devices utilize a feed-forward voltage-mode-control
scheme for good noise immunity in the high-voltage
switching environment and offer external compensation
allowing for maximum flexibility with a wide selection
of inductor values and capacitor types. The switching
frequency is internally fixed at 135kHz and 500kHz,
depending on the version chosen. Moreover, the switch-
ing frequency can be synchronized to an external clock
signal through the SYNC input. Light-load efficiency
is improved by automatically switching to a pulse-skip
mode. The soft-start time is adjustable with an external
capacitor. The DC-DC converter can be disabled inde-
pendent of the LDO, thus reducing the quiescent current
to 47μA (typ).
The LDO linear regulators operate from 5V to 40V and
deliver a guaranteed 50mA load current. The devices
feature a preset output voltage of 5V (MAX1501_A) or
3.3V (MAX1501_B). Alternatively, the output voltage
can be adjusted from 1.5V to 11V by using an external
resistive divider. The LDO section also features a RESET
output with adjustable timeout period.
Protection features include cycle-by-cycle current limit,
hiccup-mode output short-circuit protection, and thermal
shutdown. All devices are available in a space-saving,
high-power (2.86W), 36-pin TQFN package and are rated
for operation over the -40°C to +125°C automotive tem-
perature range.
Applications
● Mobile Radios
● Navigation Systems
Features
● Combined DC-DC Converters and Low-Quiescent-
Current LDO Regulators
● 1A DC-DC Converters Operate from 4.5V to 40V
(MAX15015/MAX15016) or 7.5V to 40V
(MAX15014/MAX15017)
● Switching Frequency of 135kHz
(MAX15014/MAX15016) or 500kHz
(MAX15015/MAX15017)
● 50mA LDO Regulator Operates from 5V to 40V
Independent of the DC-DC Converter
● 47μA Quiescent Current with DC-DC Converter
Off and LDO On
● 6μA System Shutdown Current
● Frequency Synchronization Input
● Shutdown/Enable Inputs
● Adjustable Soft-Start Time
● Active-Low Open-Drain RESET Output with
Programmable Timeout Delay
● Thermal Shutdown and Output Short-Circuit
Protection
● Space-Saving (6mm x 6mm) Thermally Enhanced
36-Pin TQFN Package
19-0734; Rev 1; 11/14
+Denotes a lead(Pb)-free/RoHS-compliant package.
*EP = Exposed pad.
PART
TEMP RANGE
PIN-PACKAGE
MAX15014AATX+
-40°C to +125°C
36 TQFN-EP*
MAX15014BATX+
-40°C to +125°C
36 TQFN-EP*
MAX15015AATX+
-40°C to +125°C
36 TQFN-EP*
MAX15015BATX+
-40°C to +125°C
36 TQFN-EP*
MAX15016AATX+
-40°C to +125°C
36 TQFN-EP*
MAX15016BATX+
-40°C to +125°C
36 TQFN-EP*
MAX15017AATX+
-40°C to +125°C
36 TQFN-EP*
MAX15017BATX+
-40°C to +125°C
36 TQFN-EP*
MAX15014–MAX15017
1A, 4.5V to 40V Input Buck Converters with
50mA Auxiliary LDO Regulators
Ordering Information
EVALUATION KIT AVAILABLE


Similar Part No. - MAX15014

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15014AATX+ MAXIM-MAX15014AATX+ Datasheet
815Kb / 26P
1A, 4.5V to 40V Input Buck Converters with 50mA Auxiliary LDO Regulators
19-0734; Rev 0; 1/07
MAX15014BATX+ MAXIM-MAX15014BATX+ Datasheet
815Kb / 26P
1A, 4.5V to 40V Input Buck Converters with 50mA Auxiliary LDO Regulators
19-0734; Rev 0; 1/07
MAX15014 MAXIM-MAX15014_07 Datasheet
815Kb / 26P
1A, 4.5V to 40V Input Buck Converters with 50mA Auxiliary LDO Regulators
19-0734; Rev 0; 1/07
More results

Similar Description - MAX15014

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8516 MAXIM-MAX8516 Datasheet
181Kb / 9P
1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators
Rev 1; 4/04
MAX8516 MAXIM-MAX8516_09 Datasheet
190Kb / 10P
1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators
19-3188; Rev 2; 9/09
MAX15014 MAXIM-MAX15014_07 Datasheet
815Kb / 26P
1A, 4.5V to 40V Input Buck Converters with 50mA Auxiliary LDO Regulators
19-0734; Rev 0; 1/07
MAX8516EUB-T MAXIM-MAX8516EUB-T Datasheet
190Kb / 10P
1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators
Rev 2; 9/09
MAX17673 MAXIM-MAX17673 Datasheet
1Mb / 27P
Integrated 4.5V to 60V Synchronous 1.5A HV Buck and Dual 2.7V to 5.5V, 1A Buck Regulators
Rev 2; 11/19
logo
Diodes Incorporated
AP64102 DIODES-AP64102 Datasheet
1Mb / 21P
3.8V TO 40V INPUT, 1A LOW IQ SYNCHRONOUS BUCK WITH INTERNAL COMPENSATION
Rev. 2 - 2 July 2021
AP64060 DIODES-AP64060 Datasheet
1Mb / 18P
4.5V TO 40V INPUT, 600mA SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION
Rev. 2 - 2 August 2022
AP64060Q DIODES-AP64060Q_V01 Datasheet
1Mb / 19P
4.5V TO 40V INPUT, 600mA SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION
Rev. 3 - 2 September 2022
AP64100 DIODES-AP64100 Datasheet
1Mb / 26P
3.8V TO 40V INPUT, 1A LOW IQ SYNCHRONOUS BUCK WITH ADJUSTABLE FREQUENCY
Rev. 1 - 2 March 2021
logo
Renesas Technology Corp
RAA212421 RENESAS-RAA212421 Datasheet
1Mb / 34P
3V to 40V Input, 1.1A Synchronous Buck Regulator with Integrated 500mA LDO
Jul 8, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com