Electronic Components Datasheet Search
  English  ▼

X  

C161 Datasheet(PDF) 26 Page - Infineon Technologies AG

Part # C161
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161 Datasheet(HTML) 26 Page - Infineon Technologies AG

Back Button C161 Datasheet HTML 22Page - Infineon Technologies AG C161 Datasheet HTML 23Page - Infineon Technologies AG C161 Datasheet HTML 24Page - Infineon Technologies AG C161 Datasheet HTML 25Page - Infineon Technologies AG C161 Datasheet HTML 26Page - Infineon Technologies AG C161 Datasheet HTML 27Page - Infineon Technologies AG C161 Datasheet HTML 28Page - Infineon Technologies AG C161 Datasheet HTML 29Page - Infineon Technologies AG C161 Datasheet HTML 30Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 400 page
background image
&3,
$UFKLWHFWXUDO2YHUYLHZ
User’s Manual
2-10
1999-08
External Bus Interface
In order to meet the needs of designs where more memory is required than is provided
on chip, up to 8 MBytes of external RAM and/or ROM can be connected to the
microcontroller via its external bus interface. The integrated External Bus Controller
(EBC) allows to access external memory and/or peripheral resources in a very flexible
way. For up to five address areas the bus mode (multiplexed / demultiplexed), the data
bus width (8-bit/16-bit) and even the length of a bus cycle (waitstates, signal delays) can
be selected independently. This allows to access a variety of memory and peripheral
components directly and with maximum efficiency. If the device does not run in Single
Chip Mode, where no external memory is required, the EBC can control external
accesses in one of the following external access modes:
• 16-/18-/20-/23-bit Addresses, 16-bit Data, Demultiplexed
• 16-/18-/20-/23-bit Addresses, 8-bit Data, Demultiplexed
• 16-/18-/20-/23-bit Addresses, 16-bit Data, Multiplexed
• 16-/18-/20-/23-bit Addresses, 8-bit Data, Multiplexed
The demultiplexed bus modes use PORT1 for addresses and PORT0 for data input/
output. The multiplexed bus modes use PORT0 for both addresses and data input/
output. Port 4 is used for the upper address lines (A16...) if selected.
Important timing characteristics of the external bus interface (waitstates, ALE length and
Read/Write Delay) have been made programmable to allow the user the adaption of a
wide range of different types of memories and/or peripherals. Access to very slow
memories or peripherals is supported via a particular 'Ready' function.
For applications which require less than 64 KBytes of address space, a non-segmented
memory model can be selected, where all locations can be addressed by 16 bits, and
thus Port 4 is not needed as an output for the upper address bits (Axx...A16), as is the
case when using the segmented memory model.
The on-chip XBUS is an internal representation of the external bus and allows to
access integrated application-specific peripherals/modules in the same way as external
components. It provides a defined interface for these customized peripherals.
The on-chip XRAM and the on-chip I2C-Module are examples for these X-Peripherals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com