Electronic Components Datasheet Search
  English  ▼

X  

C161 Datasheet(PDF) 66 Page - Infineon Technologies AG

Part # C161
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161 Datasheet(HTML) 66 Page - Infineon Technologies AG

Back Button C161 Datasheet HTML 62Page - Infineon Technologies AG C161 Datasheet HTML 63Page - Infineon Technologies AG C161 Datasheet HTML 64Page - Infineon Technologies AG C161 Datasheet HTML 65Page - Infineon Technologies AG C161 Datasheet HTML 66Page - Infineon Technologies AG C161 Datasheet HTML 67Page - Infineon Technologies AG C161 Datasheet HTML 68Page - Infineon Technologies AG C161 Datasheet HTML 69Page - Infineon Technologies AG C161 Datasheet HTML 70Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 400 page
background image
&3,
7KH &HQWUDO 3URFHVVLQJ 8QLW &38
User’s Manual
4-18
1999-08
After execution of an instruction which explicitly updates the PSW register, the condition
flags cannot be interpreted as described in the following, because any explicit write to
the PSW register supersedes the condition flag values, which are implicitly generated by
the CPU. Explicitly reading the PSW register supplies a read value which represents the
state of the PSW register after execution of the immediately preceding instruction.
Note: After reset, all of the ALU status bits are cleared.
• N-Flag: For most of the ALU operations, the N-flag is set to ’1’, if the most significant
bit of the result contains a ’1’, otherwise it is cleared. In the case of integer operations the
N-flag can be interpreted as the sign bit of the result (negative: N=’1’, positive: N=’0’).
Negative numbers are always represented as the 2's complement of the corresponding
positive number. The range of signed numbers extends from '–8000
H' to '+7FFFH' for the
word data type, or from '–80
H' to '+7FH' for the byte data type.For Boolean bit operations
with only one operand the N-flag represents the previous state of the specified bit. For
Boolean bit operations with two operands the N-flag represents the logical XORing of the
two specified bits.
• C-Flag: After an addition the C-flag indicates that a carry from the most significant bit
of the specified word or byte data type has been generated. After a subtraction or a
comparison the C-flag indicates a borrow, which represents the logical negation of a
carry for the addition.
This means that the C-flag is set to ’1’, if no carry from the most significant bit of the
specified word or byte data type has been generated during a subtraction, which is
performed internally by the ALU as a 2’s complement addition, and the C-flag is cleared
when this complement addition caused a carry.
The C-flag is always cleared for logical, multiply and divide ALU operations, because
these operations cannot cause a carry anyhow.
For shift and rotate operations the C-flag represents the value of the bit shifted out last.
If a shift count of zero is specified, the C-flag will be cleared. The C-flag is also cleared
for a prioritize ALU operation, because a ’1’ is never shifted out of the MSB during the
normalization of an operand.
For Boolean bit operations with only one operand the C-flag is always cleared. For
Boolean bit operations with two operands the C-flag represents the logical ANDing of the
two specified bits.
• V-Flag: For addition, subtraction and 2’s complementation the V-flag is always set to
’1’, if the result overflows the maximum range of signed numbers, which are
representable by either 16 bits for word operations ('–8000
H' to '+7FFFH'), or by 8 bits for
byte operations ('–80
H' to '+7FH'), otherwise the V-flag is cleared. Note that the result of
an integer addition, integer subtraction, or 2's complement is not valid, if the V-flag
indicates an arithmetic overflow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com