Electronic Components Datasheet Search
  English  ▼

X  

C161 Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # C161
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161 Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button C161 Datasheet HTML 13Page - Infineon Technologies AG C161 Datasheet HTML 14Page - Infineon Technologies AG C161 Datasheet HTML 15Page - Infineon Technologies AG C161 Datasheet HTML 16Page - Infineon Technologies AG C161 Datasheet HTML 17Page - Infineon Technologies AG C161 Datasheet HTML 18Page - Infineon Technologies AG C161 Datasheet HTML 19Page - Infineon Technologies AG C161 Datasheet HTML 20Page - Infineon Technologies AG C161 Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 400 page
background image
&3,
$UFKLWHFWXUDO2YHUYLHZ
User’s Manual
2-1
1999-08
2
Architectural Overview
The architecture of the C161PI combines the advantages of both RISC and CISC
processors in a very well-balanced way. The sum of the features which are combined
result in a high performance microcontroller, which is the right choice not only for today’s
applications, but also for future engineering challenges. The C161PI not only integrates
a powerful CPU core and a set of peripheral units into one chip, but also connects the
units in a very efficient way. One of the four buses used concurrently on the C161PI is
the XBUS, an internal representation of the external bus interface. This bus provides a
standardized method of integrating application-specific peripherals to produce derivates
of the standard C161PI.
Figure 2-1
C161PI Functional Block Diagram
XRAM / CAN
CPU
Core
Internal
RAM
ROM
Area
XBUS Module
I
2C Bus Module
Interrupt Controller
PEC
WDT
OSC
PORT0
PORT1
Port 4
ADC
GPT1
SSC
ASC
GPT2
RTC
Port 3
Ext.
Ctrl
Port 6
Port 5
Bus
XRAM
Port 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com