| Electronic Components Datasheet Search |
|
C161 Datasheet(PDF) 9 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
C161 Datasheet(HTML) 9 Page - Infineon Technologies AG |
|
9 / 400 page ![]() &3, ,QWURGXFWLRQ User’s Manual 1-1 1999-08 1Introduction The rapidly growing area of embedded control applications is representing one of the most time-critical operating environments for today’s microcontrollers. Complex control algorithms have to be processed based on a large number of digital as well as analog input signals, and the appropriate output signals must be generated within a defined maximum response time. Embedded control applications also are often sensitive to board space, power consumption, and overall system cost. Embedded control applications therefore require microcontrollers, which... • offer a high level of system integration • eliminate the need for additional peripheral devices and the associated software overhead • provide system security and fail-safe mechanisms • provide effective means to control (and reduce) the device’s power consumption. With the increasing complexity of embedded control applications, a significant increase in CPU performance and peripheral functionality over conventional 8-bit controllers is required from microcontrollers for high-end embedded control systems. In order to achieve this high performance goal Infineon has decided to develop its family of 16-bit CMOS microcontrollers without the constraints of backward compatibility. Of course the architecture of the 16-bit microcontroller family pursues successfull hardware and software concepts, which have been established in Infineons popular 8- bit controller families. About this Manual This manual describes the functionality of the 16-bit microcontroller C161PI of the Infineon C166 Family. The descriptions in this manual refer to the following derivatives: • C161PI-LM • C161PI-LF This manual is valid for the mentioned derivatives. Of course it refers to all devices of the different available temperature ranges and packages. For simplicity all these various versions are referred to by the term C161PI throughout this manual. The complete pro-electron conforming designations are listed in the respective data sheets. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |