| Electronic Components Datasheet Search |
|
C161 Datasheet(PDF) 44 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
C161 Datasheet(HTML) 44 Page - Infineon Technologies AG |
|
44 / 400 page ![]() &3, 0HPRU\ 2UJDQL]DWLRQ User’s Manual 3-8 1999-08 Special Function Registers The functions of the CPU, the bus interface, the IO ports and the on-chip peripherals of the C161PI are controlled via a number of so-called Special Function Registers (SFRs). These SFRs are arranged within two areas of 512 Byte size each. The first register block, the SFR area, is located in the 512 Bytes above the internal RAM (00’FFFF H...00’FE00H), the second register block, the Extended SFR (ESFR) area, is located in the 512 Bytes below the internal RAM (00’F1FF H...00’F000H). Special function registers can be addressed via indirect and long 16-bit addressing modes. Using an 8-bit offset together with an implicit base address allows to address word SFRs and their respective low bytes. However, this does not work for the respective high bytes! Note: Writing to any byte of an SFR causes the non-addressed complementary byte to be cleared! The upper half of each register block is bit-addressable, so the respective control/status bits can directly be modified or checked using bit addressing. When accessing registers in the ESFR area using 8-bit addresses or direct bit addressing, an Extend Register (EXTR) instruction is required before, to switch the short addressing mechanism from the standard SFR area to the Extended SFR area. This is not required for 16-bit and indirect addresses. The GPRs R15...R0 are duplicated, i.e. they are accessible within both register blocks via short 2-, 4- or 8-bit addresses without switching. ESFR_SWITCH_EXAMPLE: EXTR #4 ;Switch to ESFR area for next 4 instr. MOV ODP2, #data16 ;ODP2 uses 8-bit reg addressing BFLDL DP6, #mask, #data8 ;Bit addressing for bit fields BSET DP1H.7 ;Bit addressing for single bits MOV T8REL, R1 ;T8REL uses 16-bit mem address, ;R1 is duplicated into the ESFR space ;(EXTR is not required for this access) ;---- ;----------------- ;The scope of the EXTR #4 instruction... ;...ends here! MOV T8REL, R1 ;T8REL uses 16-bit mem address, ;R1 is accessed via the SFR space In order to minimize the use of the EXTR instructions the ESFR area mostly holds registers which are mainly required for initialization and mode selection. Registers that need to be accessed frequently are allocated to the standard SFR area, wherever possible. Note: The tools are equipped to monitor accesses to the ESFR area and will automatically insert EXTR instructions, or issue a warning in case of missing or excessive EXTR instructions. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |