Electronic Components Datasheet Search
  English  ▼

X  

C161 Datasheet(PDF) 43 Page - Infineon Technologies AG

Part # C161
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161 Datasheet(HTML) 43 Page - Infineon Technologies AG

Back Button C161 Datasheet HTML 39Page - Infineon Technologies AG C161 Datasheet HTML 40Page - Infineon Technologies AG C161 Datasheet HTML 41Page - Infineon Technologies AG C161 Datasheet HTML 42Page - Infineon Technologies AG C161 Datasheet HTML 43Page - Infineon Technologies AG C161 Datasheet HTML 44Page - Infineon Technologies AG C161 Datasheet HTML 45Page - Infineon Technologies AG C161 Datasheet HTML 46Page - Infineon Technologies AG C161 Datasheet HTML 47Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 400 page
background image
&3,
0HPRU\ 2UJDQL]DWLRQ
User’s Manual
3-7
1999-08
PEC Source and Destination Pointers
The 16 word locations in the internal RAM from 00’FCE0
H to 00’FCFEH (just below the
bit-addressable section) are provided as source and destination address pointers for
data transfers on the eight PEC channels. Each channel uses a pair of pointers stored
in two subsequent word locations with the source pointer (SRCPx) on the lower and the
destination pointer (DSTPx) on the higher word address (x = 7...0).
Figure 3-4
Location of the PEC Pointers
Whenever a PEC data transfer is performed, the pair of source and destination pointers,
which is selected by the specified PEC channel number, is accessed independent of the
current DPP register contents and also the locations referred to by these pointers are
accessed independent of the current DPP register contents. If a PEC channel is not
used, the corresponding pointer locations area available and can be used for word or
byte data storage.
For more details about the use of the source and destination pointers for PEC data
transfers see section “Interrupt and Trap Functions”.
00’FCE2
00’FCE0H
H
SRCP0
DSTP0
00’F5FE
00’F600
MCD03903
H
H
Destination
00’FCFC
Pointers
and
H
PEC
Source
SRCP7
00’FCFEH
DSTP7
Internal
00’FCE0
00’FCDE
RAM
H
H
00’FCFE
00’FD00
H
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com