Electronic Components Datasheet Search
  English  ▼

X  

C161 Datasheet(PDF) 62 Page - Infineon Technologies AG

Part # C161
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161 Datasheet(HTML) 62 Page - Infineon Technologies AG

Back Button C161 Datasheet HTML 58Page - Infineon Technologies AG C161 Datasheet HTML 59Page - Infineon Technologies AG C161 Datasheet HTML 60Page - Infineon Technologies AG C161 Datasheet HTML 61Page - Infineon Technologies AG C161 Datasheet HTML 62Page - Infineon Technologies AG C161 Datasheet HTML 63Page - Infineon Technologies AG C161 Datasheet HTML 64Page - Infineon Technologies AG C161 Datasheet HTML 65Page - Infineon Technologies AG C161 Datasheet HTML 66Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 400 page
background image
&3,
7KH &HQWUDO 3URFHVVLQJ 8QLW &38
User’s Manual
4-14
1999-08
The System Configuration Register SYSCON
This bit-addressable register provides general system configuration and control
functions. The reset value for register SYSCON depends on the state of the PORT0 pins
during reset (see hardware effectable bits).
SYSCON
System Control Register
SFR (FF12
H/89H)
Reset value: 0XX0
H
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
STKSZ
ROM
S1
SGT
DIS
ROM
EN
BYT
DIS
CLK
EN
WR
CFG
CS
CFG
-
OWD
DIS
BD
RST
EN
XPEN VISI-
BLE
XPER
SHA-
RE
rw
rw
rw
rwh
rwh
rw
rwh
rw
-
rwh
rw
rw
rw
rw
Bit
Function
XPER-SHARE XBUS Peripheral Share Mode Control
0:
External accesses to XBUS peripherals are disabled
1:
XBUS peripherals are accessible via the ext. bus during hold mode
VISIBLE
Visible Mode Control
0:
Accesses to XBUS peripherals are done internally
1:
XBUS peripheral accesses are made visible on the external pins
XPEN
XBUS Peripheral Enable Bit
0:
Accesses to the on-chip X-Peripherals and their functions are disabled
1:
The on-chip X-Peripherals are enabled and can be accessed
BDRSTEN
Bidirectional Reset Enable Bit
0:
Pin RSTIN is an input only.
1:
Pin RSTIN is pulled low during the internal reset sequence
after any reset.
OWDDIS
Oscillator Watchdog Disable Bit
0:
The on-chip oscillator watchdog is enabled and active.
1:
The on-chip oscillator watchdog is disabled and the CPU clock is
always fed from the oscillator input.
CSCFG
Chip Select Configuration Control
0:
Latched CS mode. The CS signals are latched internally
and driven to the (enabled) port pins synchronously.
1:
Unlatched CS mode. The CS signals are directly derived from
the address and driven to the (enabled) port pins.
WRCFG
Write Configuration Control (Set according to pin P0H.0 during reset)
0:
Pins WR and BHE retain their normal function
1:
Pin WR acts as WRL, pin BHE acts as WRH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com