Electronic Components Datasheet Search
  English  ▼

X  

C161 Datasheet(PDF) 57 Page - Infineon Technologies AG

Part # C161
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161 Datasheet(HTML) 57 Page - Infineon Technologies AG

Back Button C161 Datasheet HTML 53Page - Infineon Technologies AG C161 Datasheet HTML 54Page - Infineon Technologies AG C161 Datasheet HTML 55Page - Infineon Technologies AG C161 Datasheet HTML 56Page - Infineon Technologies AG C161 Datasheet HTML 57Page - Infineon Technologies AG C161 Datasheet HTML 58Page - Infineon Technologies AG C161 Datasheet HTML 59Page - Infineon Technologies AG C161 Datasheet HTML 60Page - Infineon Technologies AG C161 Datasheet HTML 61Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 400 page
background image
&3,
7KH &HQWUDO 3URFHVVLQJ 8QLW &38
User’s Manual
4-9
1999-08
• External Memory Access Sequences
The effect described here will only become noticeable, when watching the external
memory access sequences on the external bus (e.g. by means of a Logic Analyzer).
Different pipeline stages can simultaneously put a request on the External Bus Controller
(EBC). The sequence of instructions processed by the CPU may diverge from the
sequence of the corresponding external memory accesses performed by the EBC, due
to the predefined priority of external memory accesses:
1st
Write Data
2nd
Fetch Code
3rd
Read Data.
• Initialization of Port Pins
Modifications of the direction of port pins (input or output) become effective only after the
instruction following the modifying instruction. As bit instructions (BSET, BCLR) use
internal read-modify-write sequences accessing the whole port, instructions modifying
the port direction should be followed by an instruction that does not access the same port
(see example below).
PORT_INIT_WRONG:
BSET
DP3.13
;change direction of P3.13 to output
BSET
P3.9
;P3.13 is still input,
;rd-mod-wr reads pin P3.13
PORT_INIT_RIGHT:
BSET
DP3.13
;change direction of P3.13 to output
NOP
;any instruction not accessing port 3
BSET
P3.9
;P3.13 is now output,
;rd-mod-wr reads P3.13’s output latch
• Changing the System Configuration
The instruction following an instruction that changes the system configuration via register
SYSCON (e.g. the mapping of the internal ROM, segmentation, stack size) cannot use
the new resources (e.g. ROM or stack). In these cases an instruction that does not
access these resources should be inserted. Code accesses to the new ROM area are
only possible after an absolute branch to this area.
Note: As a rule, instructions that change ROM mapping should be executed from
internal RAM or external memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com