Electronic Components Datasheet Search
  English  ▼

X  

C161 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # C161
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button C161 Datasheet HTML 6Page - Infineon Technologies AG C161 Datasheet HTML 7Page - Infineon Technologies AG C161 Datasheet HTML 8Page - Infineon Technologies AG C161 Datasheet HTML 9Page - Infineon Technologies AG C161 Datasheet HTML 10Page - Infineon Technologies AG C161 Datasheet HTML 11Page - Infineon Technologies AG C161 Datasheet HTML 12Page - Infineon Technologies AG C161 Datasheet HTML 13Page - Infineon Technologies AG C161 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 400 page
background image
&3,
,QWURGXFWLRQ
User’s Manual
1-2
1999-08
1.1
The Members of the 16-bit Microcontroller Family
The microcontrollers of the Infineon 16-bit family have been designed to meet the high
performance requirements of real-time embedded control applications. The architecture
of this family has been optimized for high instruction throughput and minimum response
time to external stimuli (interrupts). Intelligent peripheral subsystems have been
integrated to reduce the need for CPU intervention to a minimum extent. This also
minimizes the need for communication via the external bus interface. The high flexibility
of this architecture allows to serve the diverse and varying needs of different application
areas such as automotive, industrial control, or data communications.
The core of the 16-bit family has been developped with a modular family concept in mind.
All family members execute an efficient control-optimized instruction set (additional
instructions for members of the second generation). This allows an easy and quick
implementation of new family members with different internal memory sizes and
technologies, different sets of on-chip peripherals and/or different numbers of IO pins.
The XBUS concept opens a straight forward path for the integration of application
specific peripheral modules in addition to the standard on-chip peripherals in order to
build application specific derivatives.
As programs for embedded control applications become larger, high level languages are
favoured by programmers, because high level language programs are easier to write, to
debug and to maintain.
The 80C166-type microcontrollers were the first generation of the 16-bit controller
family. These devices have established the C166 architecture.
The C165-type and C167-type devices are members of the second generation of this
family. This second generation is even more powerful due to additional instructions for
HLL support, an increased address space, increased internal RAM and highly efficient
management of various resources on the external bus.
Enhanced derivatives of this second generation provide additional features like
additional internal high-speed RAM, an integrated CAN-Module, an on-chip PLL, etc.
Utilizing integration to design efficient systems may require the integration of application
specific peripherals to boost system performance, while minimizing the part count.
These efforts are supported by the so-called XBUS, defined for the Infineon 16-bit
microcontrollers (second generation). This XBUS is an internal representation of the
external bus interface that opens and simplifies the integration of peripherals by
standardizing the required interface. One representative taking advantage of this
technology is the integrated CAN module.
The C165-type devices are reduced versions of the C167 which provide a smaller
package and reduced power consumption at the expense of the A/D converter, the
CAPCOM units and the PWM module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com