Electronic Components Datasheet Search
  English  ▼

X  

C161 Datasheet(PDF) 30 Page - Infineon Technologies AG

Part # C161
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161 Datasheet(HTML) 30 Page - Infineon Technologies AG

Back Button C161 Datasheet HTML 26Page - Infineon Technologies AG C161 Datasheet HTML 27Page - Infineon Technologies AG C161 Datasheet HTML 28Page - Infineon Technologies AG C161 Datasheet HTML 29Page - Infineon Technologies AG C161 Datasheet HTML 30Page - Infineon Technologies AG C161 Datasheet HTML 31Page - Infineon Technologies AG C161 Datasheet HTML 32Page - Infineon Technologies AG C161 Datasheet HTML 33Page - Infineon Technologies AG C161 Datasheet HTML 34Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 400 page
background image
&3,
$UFKLWHFWXUDO2YHUYLHZ
User’s Manual
2-14
1999-08
The On-chip I
2C Bus Module
The integrated I
2C Module handles the transmission and reception of frames over the
two-line I
2C bus in accordance with the I2C Bus specification. The on-chip I2C Module
can receive and transmit data using 7-bit or 10-bit addressing and it can operate in slave
mode, in master mode or in multi-master mode.
Several physical interfaces (port pins) can be established under software control. Data
can be transferred at speeds up to 400 Kbit/sec.
Two interrupt nodes dedicated to the I
2C module allow efficient interrupt service and also
support operation via PEC transfers.
Note: The port pins associated with the I
2C interfaces feature open drain drivers only, as
required by the I
2C specification.
A/D Converter
For analog signal measurement, an 8-bit A/D converter with 4 multiplexed input channels
and a sample and hold circuit has been integrated on-chip. It uses the method of
successive approximation. The sample time (for loading the capacitors) and the
conversion time is programmable and can so be adjusted to the external circuitry.
Overrun error detection is provided for the conversion result register (ADDAT): an
interrupt request will be generated when the result of a previous conversion has not been
read from the result register at the time the next conversion is complete.
For applications which require less analog input channels, the remaining channel inputs
can be used as digital input port pins.
The A/D converter of the C161PI supports two different conversion modes. In the
standard Single Channel conversion mode, the analog level on a specified channel is
sampled once and converted to a digital result. In the Single Channel Continuous mode,
the analog level on a specified channel is repeatedly sampled and converted without
software intervention.
The Peripheral Event Controller (PEC) may be used to automatically store the
conversion results into a table in memory for later evaluation, without requiring the
overhead of entering and exiting interrupt routines for each data transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com