Electronic Components Datasheet Search
  English  ▼

X  

C161 Datasheet(PDF) 24 Page - Infineon Technologies AG

Part # C161
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161 Datasheet(HTML) 24 Page - Infineon Technologies AG

Back Button C161 Datasheet HTML 20Page - Infineon Technologies AG C161 Datasheet HTML 21Page - Infineon Technologies AG C161 Datasheet HTML 22Page - Infineon Technologies AG C161 Datasheet HTML 23Page - Infineon Technologies AG C161 Datasheet HTML 24Page - Infineon Technologies AG C161 Datasheet HTML 25Page - Infineon Technologies AG C161 Datasheet HTML 26Page - Infineon Technologies AG C161 Datasheet HTML 27Page - Infineon Technologies AG C161 Datasheet HTML 28Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 400 page
background image
&3,
$UFKLWHFWXUDO2YHUYLHZ
User’s Manual
2-8
1999-08
2.2
The On-chip System Resources
The C161PI controllers provide a number of powerful system resources designed
around the CPU. The combination of CPU and these resources results in the high
performance of the members of this controller family.
Peripheral Event Controller (PEC) and Interrupt Control
The Peripheral Event Controller allows to respond to an interrupt request with a single
data transfer (word or byte) which only consumes one instruction cycle and does not
require to save and restore the machine status. Each interrupt source is prioritized every
machine cycle in the interrupt control block. If PEC service is selected, a PEC transfer is
started. If CPU interrupt service is requested, the current CPU priority level stored in the
PSW register is tested to determine whether a higher priority interrupt is currently being
serviced. When an interrupt is acknowledged, the current state of the machine is saved
on the internal system stack and the CPU branches to the system specific vector for the
peripheral.
The PEC contains a set of SFRs which store the count value and control bits for eight
data transfer channels. In addition, the PEC uses a dedicated area of RAM which
contains the source and destination addresses. The PEC is controlled similar to any
other peripheral through SFRs containing the desired configuration of each channel.
An individual PEC transfer counter is implicitly decremented for each PEC service
except forming in the continuous transfer mode. When this counter reaches zero, a
standard interrupt is performed to the vector location related to the corresponding
source. PEC services are very well suited, for example, to move register contents to/from
a memory table. The C161PI has 8 PEC channels each of which offers such fast
interrupt-driven data transfer capabilities.
Memory Areas
The memory space of the C161PI is configured in a Von Neumann architecture which
means that code memory, data memory, registers and IO ports are organized within the
same linear address space which covers up to 16 MBytes. The entire memory space can
be accessed bytewise or wordwise. Particular portions of the on-chip memory have
additionally been made directly bit addressable.
A 1 KByte 16-bit wide internal RAM provides fast access to General Purpose
Registers (GPRs), user data (variables) and system stack. The internal RAM may also
be used for code. A unique decoding scheme provides flexible user register banks in the
internal memory while optimizing the remaining RAM for user data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com