Electronic Components Datasheet Search
  English  ▼

X  

C161 Datasheet(PDF) 88 Page - Infineon Technologies AG

Part # C161
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161 Datasheet(HTML) 88 Page - Infineon Technologies AG

Back Button C161 Datasheet HTML 84Page - Infineon Technologies AG C161 Datasheet HTML 85Page - Infineon Technologies AG C161 Datasheet HTML 86Page - Infineon Technologies AG C161 Datasheet HTML 87Page - Infineon Technologies AG C161 Datasheet HTML 88Page - Infineon Technologies AG C161 Datasheet HTML 89Page - Infineon Technologies AG C161 Datasheet HTML 90Page - Infineon Technologies AG C161 Datasheet HTML 91Page - Infineon Technologies AG C161 Datasheet HTML 92Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 400 page
background image
&3,
,QWHUUXSW DQG 7UDS )XQFWLRQV
User’s Manual
5-6
1999-08
The Interrupt Request Flag is set by hardware whenever a service request from the
respective source occurs. It is cleared automatically upon entry into the interrupt service
routine or upon a PEC service. In the case of PEC service the Interrupt Request flag
remains set, if the COUNT field in register PECCx of the selected PEC channel
decrements to zero. This allows a normal CPU interrupt to respond to a completed PEC
block transfer.
Note: Modifying the Interrupt Request flag via software causes the same effects as if it
had been set or cleared by hardware.
xxIC
Interrupt Control Register
(E)SFR (yyyy
H/zzH)
Reset value: - - 00
H
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
xxIR xxIE
ILVL
GLVL
-
-
-
-
-
-
-
-
rwh
rw
rw
rw
Bit
Function
GLVL
Group Level
Defines the internal order for simultaneous requests of the same priority.
3:
Highest group priority
0:
Lowest group priority
ILVL
Interrupt Priority Level
Defines the priority level for the arbitration of requests.
F
H:
Highest priority level
0
H:
Lowest priority level
xxIE
Interrupt Enable Control Bit (individually enables/disables a specific source)
0:
Interrupt request is disabled
1:
Interrupt Request is enabled
xxIR
Interrupt Request Flag
0:
No request pending
1:
This source has raised an interrupt request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com