Electronic Components Datasheet Search
  English  ▼

X  

C161 Datasheet(PDF) 49 Page - Infineon Technologies AG

Part # C161
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161 Datasheet(HTML) 49 Page - Infineon Technologies AG

Back Button C161 Datasheet HTML 45Page - Infineon Technologies AG C161 Datasheet HTML 46Page - Infineon Technologies AG C161 Datasheet HTML 47Page - Infineon Technologies AG C161 Datasheet HTML 48Page - Infineon Technologies AG C161 Datasheet HTML 49Page - Infineon Technologies AG C161 Datasheet HTML 50Page - Infineon Technologies AG C161 Datasheet HTML 51Page - Infineon Technologies AG C161 Datasheet HTML 52Page - Infineon Technologies AG C161 Datasheet HTML 53Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 400 page
background image
&3,
7KH &HQWUDO 3URFHVVLQJ 8QLW &38
User’s Manual
4-1
1999-08
4
The Central Processing Unit (CPU)
Basic tasks of the CPU are to fetch and decode instructions, to supply operands for the
arithmetic and logic unit (ALU), to perform operations on these operands in the ALU, and
to store the previously calculated results. As the CPU is the main engine of the C161PI
controller, it is also affected by certain actions of the peripheral subsystem.
Since a four stage pipeline is implemented in the C161PI, up to four instructions can be
processed in parallel. Most instructions of the C161PI are executed in one machine cycle
(2 CPU clock periods) due to this parallelism.
This chapter describes how the pipeline works for sequential and branch instructions in
general, and which hardware provisions have been made to speed the execution of jump
instructions in particular. The general instruction timing is described including standard
and exceptional timing.
While internal memory accesses are normally performed by the CPU itself, external
peripheral or memory accesses are performed by a particular on-chip External Bus
Controller (EBC), which is automatically invoked by the CPU whenever a code or data
address refers to the external address space.
Figure 4-1
CPU Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com