Electronic Components Datasheet Search
  English  ▼

X  

C161 Datasheet(PDF) 34 Page - Infineon Technologies AG

Part # C161
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161 Datasheet(HTML) 34 Page - Infineon Technologies AG

Back Button C161 Datasheet HTML 30Page - Infineon Technologies AG C161 Datasheet HTML 31Page - Infineon Technologies AG C161 Datasheet HTML 32Page - Infineon Technologies AG C161 Datasheet HTML 33Page - Infineon Technologies AG C161 Datasheet HTML 34Page - Infineon Technologies AG C161 Datasheet HTML 35Page - Infineon Technologies AG C161 Datasheet HTML 36Page - Infineon Technologies AG C161 Datasheet HTML 37Page - Infineon Technologies AG C161 Datasheet HTML 38Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 400 page
background image
&3,
$UFKLWHFWXUDO2YHUYLHZ
User’s Manual
2-18
1999-08
2.4
Power Management Features
The known basic power reduction modes (Idle and Power Down) are enhanced by a
number of additional power management features (see below). These features can be
combined to reduce the controller’s power consumption to the respective application’s
possible minimum.
• Flexible clock generation
• Flexible peripheral management (peripherals can be dis/unabled separately or in groups)
• Periodic wakeup from Idle mode via RTC timer
The listed features provide effective means to realize standby conditions for the system
with an optimum balance between power reduction (i.e. standby time) and peripheral
operation (i.e. system functionality).
Flexible Clock Generation
The flexible clock generation system combines a variety of improved mechanisms (partly
user controllable) to provide the C161PI modules with clock signals. This is especially
important in power sensitive modes like standby operation.
The power optimized oscillator generally reduces the amount of power which is
consumed in order to generate the clock signal within the C161PI.
The clock system efficiently controls the amount of power which is consumed in order
to distribute the clock signal within the C161PI.
Slowdown operation is achieved by dividing the oscillator clock by a programmable
factor (1...32) resulting in a low frequency device operation which significantly reduces
the overall power consumption.
Flexible Peripheral Management
The flexible peripheral management provides a mechanism to enable and disable each
peripheral module separately. In each situation (e.g. several system operating modes,
standby, etc.) only those peripherals may be kept running which are required for the
respective functionality. All others can be switched off. It also allows the operation control
of whole groups of peripherals including the power required for generating and
distributing their clock input signal. Other peripherals may remain active, e.g. in order to
maintain communication channels. The registers of separately disabled peripherals (not
within a disabled group) can still be accessed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com