Electronic Components Datasheet Search
  English  ▼

X  

C161 Datasheet(PDF) 86 Page - Infineon Technologies AG

Part # C161
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161 Datasheet(HTML) 86 Page - Infineon Technologies AG

Back Button C161 Datasheet HTML 82Page - Infineon Technologies AG C161 Datasheet HTML 83Page - Infineon Technologies AG C161 Datasheet HTML 84Page - Infineon Technologies AG C161 Datasheet HTML 85Page - Infineon Technologies AG C161 Datasheet HTML 86Page - Infineon Technologies AG C161 Datasheet HTML 87Page - Infineon Technologies AG C161 Datasheet HTML 88Page - Infineon Technologies AG C161 Datasheet HTML 89Page - Infineon Technologies AG C161 Datasheet HTML 90Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 400 page
background image
&3,
,QWHUUXSW DQG 7UDS )XQFWLRQV
User’s Manual
5-4
1999-08
The table below lists the vector locations for hardware traps and the corresponding
status flags in register TFR. It also lists the priorities of trap service for cases, where
more than one trap condition might be detected within the same instruction. After any
reset (hardware reset, software reset instruction SRST, or reset by watchdog timer
overflow) program execution starts at the reset vector at location 00’0000
H. Reset
conditions have priority over every other system activity and therefore have the highest
priority (trap priority III).
Software traps may be initiated to any vector location between 00’0000
H and 00’01FCH.
A service routine entered via a software TRAP instruction is always executed on the
current CPU priority level which is indicated in bit field ILVL in register PSW. This means
that routines entered via the software TRAP instruction can be interrupted by all
hardware traps or higher level interrupt requests.
Table 5-2
Hardware Trap Summary
Exception Condition
Trap
Flag
Trap
Vector
Vector
Location
Trap
Number
Trap
Prio
Reset Functions:
Hardware Reset
Software Reset
Watchdog Timer Overflow
RESET
RESET
RESET
00’0000
H
00’0000
H
00’0000
H
00
H
00
H
00
H
III
III
III
Class A Hardware Traps:
Non-Maskable Interrupt
Stack Overflow
Stack Underflow
NMI
STKOF
STKUF
NMITRAP
STOTRAP
STUTRAP
00’0008
H
00’0010
H
00’0018
H
02
H
04
H
06
H
II
II
II
Class B Hardware Traps:
Undefined Opcode
Protected Instruction Fault
Illegal Word Operand Access
Illegal Instruction Access
Illegal External Bus Access
UNDOPC
PRTFLT
ILLOPA
ILLINA
ILLBUS
BTRAP
BTRAP
BTRAP
BTRAP
BTRAP
00’0028
H
00’0028
H
00’0028
H
00’0028
H
00’0028
H
0A
H
0A
H
0A
H
0A
H
0A
H
I
I
I
I
I
Reserved
[2C
H – 3CH][0BH –
0F
H]
Software Traps:
TRAP Instruction
Any
[00’0000
H –
00’01FC
H]
in steps
of 4
H
Any
[00
H –
7F
H]
Current
CPU
Priority



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com