Electronic Components Datasheet Search
  English  ▼

X  

C161 Datasheet(PDF) 28 Page - Infineon Technologies AG

Part # C161
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161 Datasheet(HTML) 28 Page - Infineon Technologies AG

Back Button C161 Datasheet HTML 24Page - Infineon Technologies AG C161 Datasheet HTML 25Page - Infineon Technologies AG C161 Datasheet HTML 26Page - Infineon Technologies AG C161 Datasheet HTML 27Page - Infineon Technologies AG C161 Datasheet HTML 28Page - Infineon Technologies AG C161 Datasheet HTML 29Page - Infineon Technologies AG C161 Datasheet HTML 30Page - Infineon Technologies AG C161 Datasheet HTML 31Page - Infineon Technologies AG C161 Datasheet HTML 32Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 400 page
background image
&3,
$UFKLWHFWXUDO2YHUYLHZ
User’s Manual
2-12
1999-08
Peripheral Timing
Internal operation of CPU and peripherals is based on the CPU clock (
I
CPU). The on-chip
oscillator derives the CPU clock from the crystal or from the external clock signal. The
clock signal which is gated to the peripherals is independent from the clock signal which
feeds the CPU. During Idle mode the CPU’s clock is stopped while the peripherals
continue their operation. Peripheral SFRs may be accessed by the CPU once per state.
When an SFR is written to by software in the same state where it is also to be modified
by the peripheral, the software write operation has priority. Further details on peripheral
timing are included in the specific sections about each peripheral.
Programming Hints
Access to SFRs
All SFRs reside in data page 3 of the memory space. The following addressing
mechanisms allow to access the SFRs:
• indirect or direct addressing with 16-bit (mem) addresses must guarantee that the
used data page pointer (DPP0...DPP3) selects data page 3.
• accesses via the Peripheral Event Controller (PEC) use the SRCPx and DSTPx
pointers instead of the data page pointers.
• short 8-bit (reg) addresses to the standard SFR area do not use the data page
pointers but directly access the registers within this 512 Byte area.
• short 8-bit (reg) addresses to the extended ESFR area require switching to the 512
Byte extended SFR area. This is done via the EXTension instructions EXTR, EXTP(R),
EXTS(R).
Byte write operations to word wide SFRs via indirect or direct 16-bit (mem) addressing
or byte transfers via the PEC force zeros in the non-addressed byte. Byte write
operations via short 8-bit (reg) addressing can only access the low byte of an SFR and
force zeros in the high byte. It is therefore recommended, to use the bit field instructions
(BFLDL and BFLDH) to write to any number of bits in either byte of an SFR without
disturbing the non-addressed byte and the unselected bits.
Reserved Bits
Some of the bits which are contained in the C161PI's SFRs are marked as 'Reserved'.
User software should never write '1's to reserved bits. These bits are currently not
implemented and may be used in future products to invoke new functions. In this case,
the active state for these functions will be '1', and the inactive state will be '0'. Therefore
writing only ‘0’s to reserved locations provides portability of the current software to future
devices. After read accesses reserved bits should be ignored or masked out.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com