Electronic Components Datasheet Search
  English  ▼

X  

C161 Datasheet(PDF) 108 Page - Infineon Technologies AG

Part # C161
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161 Datasheet(HTML) 108 Page - Infineon Technologies AG

Back Button C161 Datasheet HTML 104Page - Infineon Technologies AG C161 Datasheet HTML 105Page - Infineon Technologies AG C161 Datasheet HTML 106Page - Infineon Technologies AG C161 Datasheet HTML 107Page - Infineon Technologies AG C161 Datasheet HTML 108Page - Infineon Technologies AG C161 Datasheet HTML 109Page - Infineon Technologies AG C161 Datasheet HTML 110Page - Infineon Technologies AG C161 Datasheet HTML 111Page - Infineon Technologies AG C161 Datasheet HTML 112Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 400 page
background image
&3,
,QWHUUXSW DQG 7UDS )XQFWLRQV
User’s Manual
5-26
1999-08
Fast External Interrupts
The input pins that may be used for external interrupts are sampled every 16 TCL, i.e.
external events are scanned and detected in timeframes of 16 TCL. The C161PI
provides 8 interrupt inputs that are sampled every 2 TCL, so external events are
captured faster than with standard interrupt inputs.
The 8 pins of Port 2 (P2.15-P2.8) can individually be programmed to this fast interrupt
mode, where also the trigger transition (rising, falling or both) can be selected. The
External Interrupt Control register EXICON controls this feature for all 8 pins.
Note: The fast external interrupt inputs are sampled every 2 TCL. The interrupt request
arbitration and processing, however, is executed every 8 TCL.
The interrupt control registers listed below (CC15IC...CC8IC) control the fast external
interrupts of the C161PI. These fast external interrupt nodes and vectors are named
according to the C167’s CAPCOM channels CC15...CC8, so interrupt nodes receive
equal names throughout the architecture. See register description below.
EXICON
External Intr. Ctrl. Reg.
ESFR (F1C0
H/E0H)
Reset value: 0000
H
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
EXI7ES
EXI6ES
EXI5ES
EXI4ES
EXI3ES
EXI2ES
EXI1ES
EXI0ES
rw
rw
rw
rw
rw
rw
rw
rw
Bit
Function
EXIxES
External Interrupt x Edge Selection Field (x=7...0)
0 0:
Fast external interrupts disabled: standard mode
0 1:
Interrupt on positive edge (rising)
1 0:
Interrupt on negative edge (falling)
1 1:
Interrupt on any edge (rising or falling)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com