Electronic Components Datasheet Search
  English  ▼

X  

DP83261AVF Datasheet(PDF) 113 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83261AVF
Description  BMAC Device (FDDI Media Access Controller)
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83261AVF Datasheet(HTML) 113 Page - National Semiconductor (TI)

Back Button DP83261AVF Datasheet HTML 109Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 110Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 111Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 112Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 113Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 114Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 115Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 116Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 117Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 132 page
background image
80 Electrical Characteristics
81 ABSOLUTE MAXIMUM RATINGS
If MilitaryAerospace specified devices are required please contact the National Semiconductor Sales Office
Distributors for availability and specifications
Symbol
Parameter
Conditions
Min
Max
Units
VCC
Supply Voltage
b
05
70
V
VIN
DC Input Voltage
b
05
VCC a 05
V
VOUT
DC Output Voltage
b
05
VCC a 05
V
TSTG
Storage Temperature Range
b
65
a
150
C
TL
Lead Temperature
Soldering 10 sec
230
C
(IR or Vapor) (Phase Reflow)
ESD Rating
RZAP e 15k
800
V
CZAP e 120 pF
82 RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Conditions
Min
Max
Units
VCC
Supply Voltage
475
525
V
PD
Power Dissipation
400
mW
T
Operating Temp
0
70
C
83 DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Conditions
Min
Max
Units
VOH1
Minimum High Level
CL e 50 pF
VCC b 05
V
Output Voltage
VOH2
Minimum High Level
IOH eb2mA
24
V
Output Voltage
VOL1
Maximum Low Level
CL e 50 pF
04
V
Output Voltage
VOL2
Maximum Low Level
IOL e 4mA
04
V
Output Voltage
VOL3
Maximum Low Level
IOL e 8mA
Output Voltage INT
04
V
and ACK (Open Drain)
VIH
Minimum High Level
20
V
Input Voltage
VIL
Maximum Low Level
08
V
Input Voltage
IIH
Input High Current
a
10
m
A
IIL
Input Low Current
b
10
m
A
IOZ1
TRI-STATE Leakage for
g
10
m
A
CBD(7 – 0) and CBP
IOZ2
TRI-STATE Leakage for
g
10
m
A
INT and ACK (Open Drain)
IOZ3
Dynamic Supply Current
CL e 50 pF 125 MHZ
70m
mA
113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com