Electronic Components Datasheet Search
  English  ▼

X  

DP83261AVF Datasheet(PDF) 117 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83261AVF
Description  BMAC Device (FDDI Media Access Controller)
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83261AVF Datasheet(HTML) 117 Page - National Semiconductor (TI)

Back Button DP83261AVF Datasheet HTML 113Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 114Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 115Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 116Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 117Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 118Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 119Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 120Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 121Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 132 page
background image
80 Electrical Characteristics (Continued)
842 Clock Signals
Symbol
Parameter
Min
Max
Units
T21
LSC to LBC Lead Time (Skew Left)
b
46
ns
T22
LSC Pulse Width High
12
ns
T23
LSC Pulse Width Low
21
ns
T24
LBC Pulse Width High
35
45
ns
T25
LBC Pulse Width Low
35
45
ns
TLF10387 – 32
FIGURE 8-5 Clock Signals
843 PHY Interface
Symbol
Parameter
Min
Max
Units
T26
PHY Data Input Setup
15
ns
T27
PHY Data Input Hold
5
ns
T28
PHY Data Sustain
10
ns
T29
PHY Data Valid
45
ns
TLF10387 – 33
Note
All setup and hold testing is done on single edges only (ie no combined setuphold testing is done for pulse signals This implies that the signal makes only
one low to high or high to low transition per cycle)
FIGURE 8-6 PHY Interface Timing
117



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com