Electronic Components Datasheet Search
  English  ▼

X  

DP83261AVF Datasheet(PDF) 118 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83261AVF
Description  BMAC Device (FDDI Media Access Controller)
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83261AVF Datasheet(HTML) 118 Page - National Semiconductor (TI)

Back Button DP83261AVF Datasheet HTML 114Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 115Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 116Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 117Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 118Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 119Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 120Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 121Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 122Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 132 page
background image
80 Electrical Characteristics (Continued)
844 MAC Interface
Pin Groups
Group
IO
Pins
1
I
SAIGT SAT STRIP EA VCOPY RQEOF RQSEND RQFINAL
2
I
RQRDY
3
I
FCST RQBCN RQCLS(3 – 0) EM RQABT
4
I
RQCLM
5
I
MRD(7 – 0) MRP
6
O
TXPASS TXED TXABORT RCSTART FCRCVD SAMESA INFORCVD SAMEINFO TXRDY TXACK
TXCLASS THTDIS TXRINGOP DIAG DARCVD AFLAG SARCVD MFLAG EDRCVD VFCS VDL TKRCVD
FOERROR FRSTRIP MACRST
7
O
MID(7 – 0) MIP
Symbol
Parameter
Min
Max
Units
T30
MAC Control Setup (Groups
1 and
3 and
4)
15
ns
T31
MAC Control Setup (Group
2)
30
ns
T32
MAC Control Hold (Group
3)
2
ns
T33
MAC Control Hold (Groups
1 and
2 and
4)
5
ns
T34
MAC Data Setup (Group
5)
15
ns
T35
MAC Data Hold (Group
5)
6
ns
T36
MAC Control Sustain (Group
6)
15
ns
T37
MAC Control Valid (Group
6)
45
ns
T38
MAC Data Sustain (Group
7)
15
ns
T39
MAC Data Valid (Group
7)
45
ns
TLF10387 – 34
Note
All setup and hold testing is done on single edges only (ie no combined setuphold testing is done for pulse signals This implies that the signal makes a
single low to high or high to low transition per cycle)
FIGURE 8-7 MAC Interface Timings
118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com