Electronic Components Datasheet Search
  English  ▼

X  

LIS2DW12 Datasheet(PDF) 45 Page - STMicroelectronics

Part # LIS2DW12
Description  MEMS digital output motion sensor: high-performance ultra-low-power 3-axis
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DW12 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button LIS2DW12 Datasheet HTML 41Page - STMicroelectronics LIS2DW12 Datasheet HTML 42Page - STMicroelectronics LIS2DW12 Datasheet HTML 43Page - STMicroelectronics LIS2DW12 Datasheet HTML 44Page - STMicroelectronics LIS2DW12 Datasheet HTML 45Page - STMicroelectronics LIS2DW12 Datasheet HTML 46Page - STMicroelectronics LIS2DW12 Datasheet HTML 47Page - STMicroelectronics LIS2DW12 Datasheet HTML 48Page - STMicroelectronics LIS2DW12 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 66 page
background image
8.16
OUT_Z_L (2Ch)
Z-axis LSB output register (r).
Table 51. OUT_Z_L register
Z_L7
Z_L6
Z_L5
Z_L4
Z_L3(1)
Z_L2(1)
0
0
1. If Low-power Mode 1 is enabled, this bit is set to 0.
The 8 least significant bits of linear acceleration sensor Z-axis output. Together with the OUT_Z_H (2Dh) register,
it forms the output value expressed as a 16-bit word in 2's complement.
8.17
OUT_Z_H (2Dh)
Z-axis MSB output register (r).
Table 52. OUT_Z_H register
Z_H7
Z_H6
Z_H5
Z_H4
Z_H3
Z_H2
Z_H1
Z_H0
The 8 most significant bits of linear acceleration sensor Z-axis output. Together with the OUT_Z_L (2Ch) register,
it forms the output value expressed as a 16-bit word in 2's complement.
8.18
FIFO_CTRL (2Eh)
FIFO control register (r/w).
Table 53. FIFO_CTRL register
FMode2
FMode1
FMode0
FTH4
FTH3
FTH2
FTH1
FTH0
Table 54. FIFO_CTRL register description
FMode[2:0]
FIFO mode selection bits. Default: 000. For further details refer to Table 55. FIFO mode selection
FTH[4:0]
FIFO threshold level setting.
Table 55. FIFO mode selection
FMode[2:0]
Mode description
000
Bypass mode: FIFO turned off
001
FIFO mode: Stops collecting data when FIFO is full.
010
Reserved
011
Continuous-to-FIFO: Stream mode until trigger is deasserted, then FIFO mode
100
Bypass-to-Continuous: Bypass mode until trigger is deasserted, then FIFO mode
101
Reserved
110
Continuous mode: If the FIFO is full, the new sample overwrites the older sample.
111
Reserved
LIS2DW12
OUT_Z_L (2Ch)
DS11811 - Rev 8
page 45/66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com