Electronic Components Datasheet Search
  English  ▼

X  

LIS2DW12 Datasheet(PDF) 23 Page - STMicroelectronics

Part # LIS2DW12
Description  MEMS digital output motion sensor: high-performance ultra-low-power 3-axis
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DW12 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button LIS2DW12 Datasheet HTML 19Page - STMicroelectronics LIS2DW12 Datasheet HTML 20Page - STMicroelectronics LIS2DW12 Datasheet HTML 21Page - STMicroelectronics LIS2DW12 Datasheet HTML 22Page - STMicroelectronics LIS2DW12 Datasheet HTML 23Page - STMicroelectronics LIS2DW12 Datasheet HTML 24Page - STMicroelectronics LIS2DW12 Datasheet HTML 25Page - STMicroelectronics LIS2DW12 Datasheet HTML 26Page - STMicroelectronics LIS2DW12 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 66 page
background image
5.3
FIFO
The LIS2DW12 embeds 32 slots of 14-bit data FIFO for each of the three output channels, X, Y and Z of the
acceleration data. This allows consistent power saving for the system, since the host processor does not need to
continuously poll data from the sensor, but it can wake up only when needed and burst the significant data out
from the FIFO.
The internal FIFO allows collecting 32 samples (14-bit size data) for each axis.
When the FIFO mode is other than Bypass, reading the output registers (28h to 2Dh) returns the oldest FIFO
sample set. In order to minimize communication between the master and slave, the address read may be
automatically incremented by the device by setting the IF_ADD_INC bit of CTRL2 (21h) to '1'; the device rolls
back to 0x28 when register 0x2D is reached.
This buffer can work according to the following 5 different modes:
Bypass mode
FIFO mode
Continuous-to-FIFO
Bypass-to-Continuous
Continuous
Each mode is selected by the FMode[2:0] bits in the FIFO_CTRL (2Eh) register.
Programmable FIFO threshold is selected in FIFO_CTRL (2Eh). Status and FIFO overrun events are available in
the FIFO_SAMPLES (2Fh) register and can be used to generate dedicated interrupts on the INT1 and INT2 pins
using the CTRL4_INT1_PAD_CTRL (23h) and CTRL5_INT2_PAD_CTRL (24h) registers.
FIFO_SAMPLES (2Fh) (FIFO_FTH) goes to '1' when the number of unread samples FIFO_SAMPLES (2Fh)
(Diff[5:0]) is greater than or equal to FTH[4:0] in FIFO_CTRL (2Eh).
If FTH[4:0] is equal to '0', FIFO_SAMPLES (2Fh) (FIFO_FTH) goes to '0'.
FIFO_SAMPLES (2Fh) (FIFO_OVR) is equal to '1' if a FIFO slot is overwritten.
FIFO_SAMPLES (2Fh) (Diff[5:0]) contains stored data levels of unread samples. When Diff[5:0] is equal to
‘000000’, FIFO is empty. When Diff[5:0] is equal to ‘100000’, FIFO is full and the unread samples are 32.
To guarantee the correct acquisition of data during the switching into and out of FIFO, the first sample acquired
must be discarded.
When the FIFO threshold status flag is '0'-logic, FIFO filling is lower than the threshold level and when '1'-logic,
FIFO filling is equal to or higher than the threshold level.
LIS2DW12
FIFO
DS11811 - Rev 8
page 23/66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com