Electronic Components Datasheet Search
  English  ▼

X  

LIS2DW12 Datasheet(PDF) 62 Page - STMicroelectronics

Part # LIS2DW12
Description  MEMS digital output motion sensor: high-performance ultra-low-power 3-axis
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DW12 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button LIS2DW12 Datasheet HTML 58Page - STMicroelectronics LIS2DW12 Datasheet HTML 59Page - STMicroelectronics LIS2DW12 Datasheet HTML 60Page - STMicroelectronics LIS2DW12 Datasheet HTML 61Page - STMicroelectronics LIS2DW12 Datasheet HTML 62Page - STMicroelectronics LIS2DW12 Datasheet HTML 63Page - STMicroelectronics LIS2DW12 Datasheet HTML 64Page - STMicroelectronics LIS2DW12 Datasheet HTML 65Page - STMicroelectronics LIS2DW12 Datasheet HTML 66Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 62 / 66 page
background image
8.16
OUT_Z_L (2Ch)............................................................... 45
8.17
OUT_Z_H (2Dh) .............................................................. 45
8.18
FIFO_CTRL (2Eh)............................................................. 45
8.19
FIFO_SAMPLES (2Fh)......................................................... 46
8.20
TAP_THS_X (30h) ............................................................ 46
8.21
TAP_THS_Y (31h) ............................................................ 46
8.22
TAP_THS_Z (32h)............................................................. 47
8.23
INT_DUR (33h) ............................................................... 48
8.24
WAKE_UP_THS (34h) ......................................................... 48
8.25
WAKE_UP_DUR (35h) ......................................................... 49
8.26
FREE_FALL (36h)............................................................. 49
8.27
STATUS_DUP (37h) ........................................................... 50
8.28
WAKE_UP_SRC (38h) ......................................................... 51
8.29
TAP_SRC (39h)............................................................... 52
8.30
SIXD_SRC (3Ah).............................................................. 53
8.31
ALL_INT_SRC (3Bh) .......................................................... 54
8.32
X_OFS_USR (3Ch)............................................................ 55
8.33
Y_OFS_USR (3Dh)............................................................ 55
8.34
Z_OFS_USR (3Eh) ............................................................ 55
8.35
CTRL7 (3Fh) ................................................................. 56
9
Package information..............................................................57
9.1
Soldering information .......................................................... 57
9.2
LGA-12 package information .................................................... 57
9.3
LGA-12 packing information .................................................... 57
Revision history .......................................................................59
LIS2DW12
Contents
DS11811 - Rev 8
page 62/66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com