Electronic Components Datasheet Search
  English  ▼

X  

LIS2DW12 Datasheet(PDF) 63 Page - STMicroelectronics

Part # LIS2DW12
Description  MEMS digital output motion sensor: high-performance ultra-low-power 3-axis
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DW12 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button LIS2DW12 Datasheet HTML 58Page - STMicroelectronics LIS2DW12 Datasheet HTML 59Page - STMicroelectronics LIS2DW12 Datasheet HTML 60Page - STMicroelectronics LIS2DW12 Datasheet HTML 61Page - STMicroelectronics LIS2DW12 Datasheet HTML 62Page - STMicroelectronics LIS2DW12 Datasheet HTML 63Page - STMicroelectronics LIS2DW12 Datasheet HTML 64Page - STMicroelectronics LIS2DW12 Datasheet HTML 65Page - STMicroelectronics LIS2DW12 Datasheet HTML 66Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 63 / 66 page
background image
List of tables
Table 1.
Pin description...................................................................... 4
Table 2.
Internal pull-up values (typ.) for SDO/SA0 and CS pins .......................................... 5
Table 3.
Mechanical characteristics ............................................................. 6
Table 4.
Electrical characteristics ............................................................... 7
Table 5.
Temperature sensor characteristics ....................................................... 8
Table 6.
SPI slave timing values................................................................ 9
Table 7.
I²C slave timing values ............................................................... 10
Table 8.
I²C high-speed mode specifications at 1 MHz and 3.4 MHz ...................................... 11
Table 9.
Absolute maximum ratings ............................................................ 12
Table 10.
Operating modes - low-noise setting disabled ............................................... 14
Table 11.
Operating modes - low-noise setting enabled ............................................... 15
Table 12.
Internal pin status .................................................................. 20
Table 13.
Number of samples to be discarded ...................................................... 22
Table 14.
Serial interface pin description .......................................................... 27
Table 15.
I²C terminology .................................................................... 27
Table 16.
SAD+Read/Write patterns ............................................................. 28
Table 17.
Transfer when master is writing one byte to slave............................................. 28
Table 18.
Transfer when master is writing multiple bytes to slave ......................................... 28
Table 19.
Transfer when master is receiving (reading) one byte of data from slave ............................. 28
Table 20.
Transfer when master is receiving (reading) multiple bytes of data from slave ......................... 28
Table 21.
Register map...................................................................... 33
Table 22.
OUT_T_L register .................................................................. 35
Table 23.
OUT_T_L register description .......................................................... 35
Table 24.
OUT_T_H register .................................................................. 35
Table 25.
OUT_T_H register description .......................................................... 35
Table 26.
WHO_AM_I register default values....................................................... 35
Table 27.
Control register 1 ................................................................... 36
Table 28.
Control register 1 description ........................................................... 36
Table 29.
Data rate configuration ............................................................... 36
Table 30.
Mode selection .................................................................... 36
Table 31.
Low-power mode selection ............................................................ 36
Table 32.
Control register 2 ................................................................... 38
Table 33.
Control register 3 ................................................................... 39
Table 34.
Control register 3 description ........................................................... 39
Table 35.
Self-test mode selection .............................................................. 39
Table 36.
Control register 4 ................................................................... 40
Table 37.
Control register 4 description ........................................................... 40
Table 38.
Control register 5 ................................................................... 41
Table 39.
Control register 5 description ........................................................... 41
Table 40.
Control register 6 ................................................................... 42
Table 41.
Digital filtering cutoff selection .......................................................... 42
Table 42.
Full-scale selection.................................................................. 42
Table 43.
OUT_T register .................................................................... 43
Table 44.
OUT_T register description ............................................................ 43
Table 45.
STATUS register ................................................................... 43
Table 46.
STATUS register description ........................................................... 43
Table 47.
OUT_X_L register .................................................................. 44
Table 48.
OUT_X_H register .................................................................. 44
Table 49.
OUT_Y_L register .................................................................. 44
Table 50.
OUT_Y_H register .................................................................. 44
Table 51.
OUT_Z_L register .................................................................. 45
Table 52.
OUT_Z_H register .................................................................. 45
LIS2DW12
List of tables
DS11811 - Rev 8
page 63/66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com