Electronic Components Datasheet Search
  English  ▼

X  

LIS2DW12 Datasheet(PDF) 18 Page - STMicroelectronics

Part # LIS2DW12
Description  MEMS digital output motion sensor: high-performance ultra-low-power 3-axis
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DW12 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button LIS2DW12 Datasheet HTML 14Page - STMicroelectronics LIS2DW12 Datasheet HTML 15Page - STMicroelectronics LIS2DW12 Datasheet HTML 16Page - STMicroelectronics LIS2DW12 Datasheet HTML 17Page - STMicroelectronics LIS2DW12 Datasheet HTML 18Page - STMicroelectronics LIS2DW12 Datasheet HTML 19Page - STMicroelectronics LIS2DW12 Datasheet HTML 20Page - STMicroelectronics LIS2DW12 Datasheet HTML 21Page - STMicroelectronics LIS2DW12 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 66 page
background image
3.3
Sensing element
A proprietary process is used to create a surface micromachined accelerometer. The technology allows
processing suspended silicon structures which are attached to the substrate in a few points called anchors and
are free to move in the direction of the sensed acceleration. In order to be compatible with the traditional
packaging techniques, a cap is placed on top of the sensing element to avoid blocking the moving parts during
the molding phase of the plastic encapsulation. When an acceleration is applied to the sensor the proof mass
displaces from its nominal position, causing an imbalance in the capacitive half-bridge. This imbalance is
measured using charge integration in response to a voltage pulse applied to the capacitor.
At steady-state the nominal value of the capacitors are a few pF and when an acceleration is applied, the
maximum variation of the capacitive load is in the fF range.
3.4
IC interface
The complete measurement chain is composed of a low-noise capacitive amplifier which converts the capacitive
unbalancing of the MEMS sensor into an analog voltage using an analog-to-digital converter.
The acceleration data may be accessed through an I²C/SPI interface thus making the device particularly suitable
for direct interfacing with a microcontroller.
The LIS2DW12 features a data-ready signal which indicates when a new set of measured acceleration data is
available, thus simplifying data synchronization in the digital system that uses the device.
3.5
Factory calibration
The IC interface is factory-calibrated for sensitivity (So) and Zero-g level offset.
The trim values are stored inside the device in nonvolatile memory. Any time the device is turned on, the trimming
parameters are downloaded into the registers to be used during active operation. This allows using the device
without further calibration. If an accidental write occurs in the registers where trimming parameters are stored, the
BOOT bit in CTRL2 (21h) can help to retrieve the correct trimming parameters from nonvolatile memory without
the need to switch on/off the device. This bit is automatically reset at the end of the download operation. Setting
this bit has no impact on the control registers.
3.6
Temperature sensor
The temperature is available in OUT_T_L (0Dh), OUT_T_H (0Eh) stored as two's complement data, left-justified
in 12-bit mode and in OUT_T (26h) stored as two's complement data, left-justified in 8-bit mode.
Refer to Table 5. Temperature sensor characteristics for the conversion factor.
LIS2DW12
Sensing element
DS11811 - Rev 8
page 18/66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com