Electronic Components Datasheet Search
  English  ▼

X  

LIS2DW12 Datasheet(PDF) 59 Page - STMicroelectronics

Part # LIS2DW12
Description  MEMS digital output motion sensor: high-performance ultra-low-power 3-axis
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DW12 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button LIS2DW12 Datasheet HTML 55Page - STMicroelectronics LIS2DW12 Datasheet HTML 56Page - STMicroelectronics LIS2DW12 Datasheet HTML 57Page - STMicroelectronics LIS2DW12 Datasheet HTML 58Page - STMicroelectronics LIS2DW12 Datasheet HTML 59Page - STMicroelectronics LIS2DW12 Datasheet HTML 60Page - STMicroelectronics LIS2DW12 Datasheet HTML 61Page - STMicroelectronics LIS2DW12 Datasheet HTML 62Page - STMicroelectronics LIS2DW12 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 66 page
background image
Revision history
Table 93. Document revision history
Date
Revision
Changes
10-Feb-2017
1
Initial release
13-Apr-2017
2
Updated Applications and Figure 7: Accelerometer chain
Added Section 3.2.4: Activity/Inactivity, Android stationary/motion-detection functions
Renamed registers 3Ch, 3Dh, 3Eh, 3Fh
15-Jun-2017
3
Added bullet concerning Android to Features
12-Sep-2017
4
Document status promoted to “production data”
Updated Description
Updated Section 3.2.4: Activity/Inactivity, Android stationary/motion-detection functions
Added bit 7 to CTRL5_INT2_PAD_CTRL (24h)
Added bit 4 to WAKE_UP_DUR (35h)
01-Oct-2018
5
Added product label indicating participation in ST's sustainable technology program
06-Nov-2018
6
Updated Section 3.2.4 Activity/Inactivity, Android stationary/motion-detection functions
Updated Figure 6. LIS2DW12 electrical connections (top view)
Added Section 9.3 LGA-12 packing information
03-May-2019
7
Updated Figure 19. Carrier tape information for LGA-12 package
02-Jul-2019
8
Updated OUT_T_L (0Dh) and OUT_T_H (0Eh)
LIS2DW12
DS11811 - Rev 8
page 59/66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com