Electronic Components Datasheet Search
  English  ▼

X  

LIS2DW12 Datasheet(PDF) 29 Page - STMicroelectronics

Part # LIS2DW12
Description  MEMS digital output motion sensor: high-performance ultra-low-power 3-axis
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DW12 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button LIS2DW12 Datasheet HTML 25Page - STMicroelectronics LIS2DW12 Datasheet HTML 26Page - STMicroelectronics LIS2DW12 Datasheet HTML 27Page - STMicroelectronics LIS2DW12 Datasheet HTML 28Page - STMicroelectronics LIS2DW12 Datasheet HTML 29Page - STMicroelectronics LIS2DW12 Datasheet HTML 30Page - STMicroelectronics LIS2DW12 Datasheet HTML 31Page - STMicroelectronics LIS2DW12 Datasheet HTML 32Page - STMicroelectronics LIS2DW12 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 66 page
background image
Slave
SAK
SAK
SAK
DATA
DATA
DATA
Data are transmitted in byte format (DATA). Each data transfer contains 8 bits. The number of bytes transferred
per transfer is unlimited. Data is transferred with the Most Significant bit (MSb) first. If a receiver can’t receive
another complete byte of data until it has performed some other function, it can hold the clock line, SCL low to
force the transmitter into a wait state. Data transfer only continues when the receiver is ready for another byte and
releases the data line. If a slave receiver doesn’t acknowledge the slave address (i.e. it is not able to receive
because it is performing some real-time function) the data line must be left high by the slave. The master can then
abort the transfer. A low-to-high transition on the SDA line while the SCL line is high is defined as a STOP
condition. Each data transfer must be terminated by the generation of a STOP (SP) condition.
In the presented communication format MAK is Master acknowledge and NMAK is No Master Acknowledge.
6.2
SPI bus interface
The LIS2DW12 SPI is a bus slave. The SPI allows writing to and reading from the registers of the device.
The serial interface interacts with the application using 4 wires: CS, SPC, SDI and SDO.
Figure 12. Read and write protocol
CS
SPC
SDI
SDO
RW
AD5 AD4 AD3 AD2 AD1 AD0
DI7 DI6 DI5 DI4 DI3 DI2 DI1 DI0
DO7 DO6 DO5 DO4 DO3 DO2 DO1 DO0
AD6
CS is the serial port enable and it is controlled by the SPI master. It goes low at the start of the transmission and
goes back high at the end. SPC is the serial port clock and it is controlled by the SPI master. It is stopped high
when CS is high (no transmission). SDI and SDO are respectively the serial port data input and output. Those
lines are driven at the falling edge of SPC and should be captured at the rising edge of SPC.
Both the read register and write register commands are completed in 16 clock pulses or in multiples of 8 in case
of multiple read/write bytes. Bit duration is the time between two falling edges of SPC. The first bit (bit 0) starts at
the first falling edge of SPC after the falling edge of CS while the last bit (bit 15, bit 23, ...) starts at the last falling
edge of SPC just before the rising edge of CS.
bit 0: RW bit. When 0, the data DI(7:0) is written into the device. When 1, the data DO(7:0) from the device is
read. In latter case, the chip will drive SDO at the start of bit 8.
bit 1-7: address AD(6:0). This is the address field of the indexed register.
bit 8-15: data DI(7:0) (write mode). This is the data that is written into the device (MSb first).
bit 8-15: data DO(7:0) (read mode). This is the data that is read from the device (MSb first).
In multiple read/write commands additional blocks of 8 clock periods will be added. When the CTRL2 (21h)
(IF_ADD_INC) bit is ‘0’, the address used to read/write data remains the same for every block. When the CTRL2
(21h) (IF_ADD_INC) bit is ‘1’, the address used to read/write data is increased at every block.
The function and the behavior of SDI and SDO remain unchanged.
LIS2DW12
SPI bus interface
DS11811 - Rev 8
page 29/66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com