Electronic Components Datasheet Search
  English  ▼

X  

LIS2DW12 Datasheet(PDF) 27 Page - STMicroelectronics

Part # LIS2DW12
Description  MEMS digital output motion sensor: high-performance ultra-low-power 3-axis
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DW12 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button LIS2DW12 Datasheet HTML 23Page - STMicroelectronics LIS2DW12 Datasheet HTML 24Page - STMicroelectronics LIS2DW12 Datasheet HTML 25Page - STMicroelectronics LIS2DW12 Datasheet HTML 26Page - STMicroelectronics LIS2DW12 Datasheet HTML 27Page - STMicroelectronics LIS2DW12 Datasheet HTML 28Page - STMicroelectronics LIS2DW12 Datasheet HTML 29Page - STMicroelectronics LIS2DW12 Datasheet HTML 30Page - STMicroelectronics LIS2DW12 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 66 page
background image
6
Digital interfaces
The registers embedded inside the LIS2DW12 may be accessed through both the I²C and SPI serial interfaces.
The latter may be SW configured to operate either in 3-wire or 4-wire interface mode.
The serial interfaces are mapped to the same pins. To select/exploit the I²C interface, the CS line must be tied
high (i.e. connected to Vdd_IO).
Table 14. Serial interface pin description
Pin name
Pin description
CS
SPI enable
I²C/SPI mode selection
(1: SPI idle mode / I²C communication enabled;
0: SPI communication mode / I²C disabled)
SCL
SPC
I²C serial clock (SCL)
SPI serial port clock (SPC)
SDA
SDI
SDO
I²C serial data (SDA)
SPI serial data input (SDI)
3-wire interface serial data output (SDO)
SA0
SDO
I²C address selection (SA0)
SPI serial data output (SDO)
6.1
I²C serial interface
The LIS2DW12 I²C is a bus slave. The I²C is employed to write data into registers whose content can also be
read back.
The relevant I²C terminology is given in the table below.
Table 15. I²C terminology
Term
Description
Transmitter
The device which sends data to the bus
Receiver
The device which receives data from the bus
Master
The device which initiates a transfer, generates clock signals and terminates a transfer
Slave
The device addressed by the master
There are two signals associated with the I²C bus: the serial clock line (SCL) and the Serial DAta line (SDA). The
latter is a bidirectional line used for sending and receiving the data to/from the interface. Both the lines must be
connected to Vdd_IO through an external pull-up resistor. When the bus is free, both the lines are high.
The I²C interface is compliant with fast mode (400 kHz) I²C standards as well as with normal mode.
In order to disable the I²C block, CTRL2 (21h) (I2C_DISABLE) = 1 must be set.
LIS2DW12
Digital interfaces
DS11811 - Rev 8
page 27/66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com