Electronic Components Datasheet Search
  English  ▼

X  

LIS2DW12 Datasheet(PDF) 16 Page - STMicroelectronics

Part # LIS2DW12
Description  MEMS digital output motion sensor: high-performance ultra-low-power 3-axis
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DW12 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button LIS2DW12 Datasheet HTML 12Page - STMicroelectronics LIS2DW12 Datasheet HTML 13Page - STMicroelectronics LIS2DW12 Datasheet HTML 14Page - STMicroelectronics LIS2DW12 Datasheet HTML 15Page - STMicroelectronics LIS2DW12 Datasheet HTML 16Page - STMicroelectronics LIS2DW12 Datasheet HTML 17Page - STMicroelectronics LIS2DW12 Datasheet HTML 18Page - STMicroelectronics LIS2DW12 Datasheet HTML 19Page - STMicroelectronics LIS2DW12 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 66 page
background image
3.2.2
Single data conversion on-demand mode
The device features a single data conversion on-demand mode which is valid for both sets of operating modes
(low-noise disabled or enabled) in the 4 low-power modes. This mode is enabled by writing the MODE[1:0] bits to
'10' in CTRL1 (20h). Low power modes are selected by writing the LP_MODE[1:0] bits in CTRL1 (20h).
The trigger for output data generation can be managed through the I²C/SPI or by applying a clock signal on the
INT2 pin acting here as an input by writing the SLP_MODE_ SEL bit in CTRL3 (22h):
•
When SLP_MODE_SEL = '0', output data generation is triggered by the clock signal on the INT2 pin (see
Figure 5. Single data conversion on-demand functionality).
•
When SLP_MODE_SEL = '1', output data generation starts when the SLP_MODE_1 bit is set to '1' logic
through the I²C/SPI. When XL data are available in the registers, this bit is automatically set to '0' and the
device is ready for another triggered session.
Output data are generated according to the selected low-power mode.
When output data is saved in an output register or FIFO, the device goes to power-down mode and waits for a
new trigger.
All ODRs in the range from 0 to up to 200 Hz are supported due to the INT2 clock input.
A DRDY signal or FIFO flags are available on the INT1 pin.
Power consumption is the same as that of standard low-power modes for the same ODR.
Figure 5. Single data conversion on-demand functionality
Trigger Signal (INT2 pin)
T_on
PD
T_on
DRDY (INT1 pin)
At the end of turn-on time T_on, the DRDY interrupt is activated, output data are available to be read and the
device goes into power-down. T_on values depend on the low-power mode as follows:
T_on (typ.) =
•
1.20 ms for Low-Power Mode 1
•
1.70 ms for Low-Power Mode 2
•
2.30 ms for Low-Power Mode 3
•
3.55 ms for Low-Power Mode 4
3.2.3
Self-test
The self-test allows checking the sensor functionality without moving it. The self-test function is off when the self-
test bits (ST) are programmed to ‘00’. When the self-test bits are changed, an actuation force is applied to the
sensor, simulating a definite input acceleration. In this case the sensor outputs will exhibit a change in their DC
levels which are related to the selected full scale through the device sensitivity. When the self-test is activated, the
device output level is given by the algebraic sum of the signals produced by the acceleration acting on the sensor
and by the electrostatic test-force. If the output signals change within the amplitude specified in
Table 3. Mechanical characteristics, then the sensor is working properly and the parameters of the interface chip
are within the defined specifications.
LIS2DW12
Functionality
DS11811 - Rev 8
page 16/66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com